Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1825Y182 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ1825Y182
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1825Y182 Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ1825Y182 Datasheet HTML 1Page - Vishay Siliconix VJ1825Y182 Datasheet HTML 2Page - Vishay Siliconix VJ1825Y182 Datasheet HTML 3Page - Vishay Siliconix VJ1825Y182 Datasheet HTML 4Page - Vishay Siliconix VJ1825Y182 Datasheet HTML 5Page - Vishay Siliconix VJ1825Y182 Datasheet HTML 6Page - Vishay Siliconix VJ1825Y182 Datasheet HTML 7Page - Vishay Siliconix VJ1825Y182 Datasheet HTML 8Page - Vishay Siliconix VJ1825Y182 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VJ OMD - X7R
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
Vishay Vitramon
Document Number: 45046
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 28-Oct-08
99
Note:
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
OMD - X7R CAPACITANCE RANGE
EIA CODE
0805
1206
VOLTAGE
(Vdc)
16
25
50
100
200
500
630
16
25
50
100
200
500
630
1000 1500 2000
CAP. CODE
CAP.
101
100 pF
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
•••••••
•••
331
330 pF
•••••••
•••
391
390 pF
•••••••
•••
471
470 pF
•••••••••••••
•••
561
560 pF
•••••••••••••
•••
681
680 pF
•••••••••••••
•••
821
820 pF
•••••••••••••
•••
102
1000 pF
•••••••••••••
•••
122
1200 pF
•••••••••••••
••
152
1500 pF
•••••••••••••
••
182
1800 pF
•••••••••••••
••
222
2200 pF
•••••••••••••
272
2700 pF
•••••••••••••
332
3300 pF
•••••••••••••
392
3900 pF
•••••••••••••
472
4700 pF
•••••••••••••
562
5600 pF
••••
•••••••
682
6800 pF
••••
•••••••
822
8200 pF
••••
•••••••
103
0.010 µF
••••
•••••••
123
0.012 µF
••••
•••••••
153
0.015 µF
••••
•••••••
183
0.018 µF
••••
•••••••
223
0.022 µF
••••
•••••
273
0.027 µF
•••
•••••
333
0.033 µF
•••
•••••
393
0.039 µF
•••
•••••
473
0.047 µF
•••
•••••
563
0.056 µF
•••••
683
0.068 µF
•••••
823
0.082 µF
•••••
104
0.10 µF
••••
124
0.12 µF
••••
154
0.15 µF
••••
184
0.18 µF
••••
224
0.22 µF
•••
274
0.27 µF
•••
334
0.33 µF
•••
394
0.39 µF
••
474
0.47 µF
••
564
0.56 µF
684
0.68 µF
824
0.82 µF
105
1.0 µF
125
1.2 µF
155
1.5 µF
185
1.8 µF
225
2.2 µF


Similar Part No. - VJ1825Y182

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1825Y182 VISHAY-VJ1825Y182 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
More results

Similar Description - VJ1825Y182

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
GAEDGESDMLCC VISHAY-GAEDGESDMLCC Datasheet
138Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Electro Static Discharge (ESD) Sensitive Automotive Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com