Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55B24 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZM55B24
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZM55B24 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZM55B24 Datasheet HTML 1Page - Vishay Siliconix BZM55B24 Datasheet HTML 2Page - Vishay Siliconix BZM55B24 Datasheet HTML 3Page - Vishay Siliconix BZM55B24 Datasheet HTML 4Page - Vishay Siliconix BZM55B24 Datasheet HTML 5Page - Vishay Siliconix BZM55B24 Datasheet HTML 6Page - Vishay Siliconix BZM55B24 Datasheet HTML 7Page - Vishay Siliconix BZM55B24 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BZM55-Series
Document Number 85597
Rev. 1.9, 10-Mar-06
Vishay Semiconductors
www.vishay.com
1
9612315
Small Signal Zener Diodes
Features
• Saving space
• Hermetic sealed parts
• Electrical data identical with the devices
BZT55..Series / TZM..Series
• Fits onto SOD323/SOD110 footprints
• Very sharp reverse characteristic
• Low reverse current level
• Very high stability
•Low noise
• Available with tighter tolerances
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Voltage stabilization
Mechanical Data
Case: MicroMELF
Weight: approx. 12 mg
Packaging codes/options:
TR / 2.5 k per 7" reel, 12.5 k/box
TR3 / 10 k per 13" reel, 10 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
RthJA ≤ 300 K/W
PV
500
mW
Z-current
IZ
PV/VZ
mA
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
mounted on epoxy-glass hard
tissue, Fig. 1
RthJA
500
K/W
Junction tie point
35 µm copper clad, 0.9 mm2
copper area per electrode
RthJL
300
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 200 mA
VF
1.5
V
e2


Similar Part No. - BZM55B24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55B24 VISHAY-BZM55B24 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZM55B24 VISHAY-BZM55B24 Datasheet
173Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 26-Aug-10
BZM55B24 VISHAY-BZM55B24 Datasheet
130Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 25-Nov-11
logo
SHENZHEN YONGERJIA INDU...
BZM55B24 WINNERJOIN-BZM55B24 Datasheet
290Kb / 5P
   Zener diode
logo
Vishay Siliconix
BZM55B24-TR VISHAY-BZM55B24-TR Datasheet
130Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 25-Nov-11
More results

Similar Description - BZM55B24

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com