Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSML1020 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSML1020
Description  High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML1020 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSML1020 Datasheet HTML 1Page - Vishay Siliconix TSML1020 Datasheet HTML 2Page - Vishay Siliconix TSML1020 Datasheet HTML 3Page - Vishay Siliconix TSML1020 Datasheet HTML 4Page - Vishay Siliconix TSML1020 Datasheet HTML 5Page - Vishay Siliconix TSML1020 Datasheet HTML 6Page - Vishay Siliconix TSML1020 Datasheet HTML 7Page - Vishay Siliconix TSML1020 Datasheet HTML 8Page - Vishay Siliconix TSML1020 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm,
GaAlAs/GaAs
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81033
232
Rev. 1.9, 04-Sep-08
TSML1000, TSML1020, TSML1030, TSML1040
Vishay Semiconductors
DESCRIPTION
TSML1000 is an infrared, 940 nm emitting diode in
GaAlAs/GaAs with high radiant power molded in a clear,
untinted plastic package (with lens) for surface mounting
(SMD).
FEATURES
• Package type: surface mount
• Package form: GW, RGW, yoke, axial
• Dimensions (L x W x H in mm): 2.5 x 2 x 2.7
• Peak wavelength:
λ
p = 940 nm
• High radiant power
• High radiant intensity
• Angle of half intensity:
ϕ = ± 12°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Versatile terminal configurations
• Package matches with detector TEMT1000
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead
(Pb)-free
component
in
accordance
with
RoHS 2002/95/EC and WEEE 2002/96/EC
APPLICATIONS
• For remote control
• Punched tape readers
• Encoder
• Photointerrupters
Note
Test conditions see table “Basic Characteristics”
Note
MOQ: minimum order quantity
16852
TSML1000
TSML1030
TSML1040
TSML1020
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λ
P (nm)
tr (ns)
TSML1000
7
± 12
940
800
TSML1020
7
± 12
940
800
TSML1030
7
± 12
940
800
TSML1040
7
± 12
940
800
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TSML1000
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Reverse gullwing
TSML1020
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Gullwing
TSML1030
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Yoke
TSML1040
Bulk
MOQ: 1000 pcs, 1000 pcs/bulk
Axial leads
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 µs
IFM
200
mA
Surge forward current
tp = 100 µs
IFSM
1.0
A


Similar Part No. - TSML1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML1020 VISHAY-TSML1020 Datasheet
353Kb / 10P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.8, 08-Mar-05
TSML1020 VISHAY-TSML1020 Datasheet
199Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.0, 30-Jun-11
TSML1020 VISHAY-TSML1020 Datasheet
365Kb / 9P
   Extented Power IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSML1020 VISHAY-TSML1020 Datasheet
198Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.1, 13-Mar-14
TSML1020 VISHAY-TSML1020 Datasheet
196Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results

Similar Description - TSML1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5300 VISHAY-TSAL5300_08 Datasheet
214Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSAL6200 VISHAY-TSAL6200_08 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6400 VISHAY-TSAL6400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7400 VISHAY-TSAL7400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Aug-08
TSAL6100 VISHAY-TSAL6100_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 05-Sep-08
VSML3710 VISHAY-VSML3710_08 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.3, 04-Sep-08
TSAL7600 VISHAY-TSAL7600_08 Datasheet
120Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7200 VISHAY-TSAL7200_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSML1000 VISHAY-TSML1000_11 Datasheet
199Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.0, 30-Jun-11
TSAL4400 VISHAY-TSAL4400_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.6, 16-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com