Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210H182 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1210H182
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1210H182 Datasheet(HTML) 4 Page - Vishay Siliconix

  1210H182 Datasheet HTML 1Page - Vishay Siliconix 1210H182 Datasheet HTML 2Page - Vishay Siliconix 1210H182 Datasheet HTML 3Page - Vishay Siliconix 1210H182 Datasheet HTML 4Page - Vishay Siliconix 1210H182 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45006
58
Revision: 11-Nov-08
VJ X8R Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
for High Temperature Applications
X8R DIELECTRIC - TYPICAL PARAMETERS
- 75 - 50 - 25
0
255075
100 125
15
10
5
0
- 5
- 10
- 15
- 20
TEMPERATURE
°C
150 175
TYPICAL PARAMETER X8R
TEMPERATURE COEFFICIENT OF CAPACITANCE
TEMPERATURE
°C
TYPICAL PARAMETER X8R
MINIMUM ISOLATION RESISTANCE VS. TEMPERATURE
10
25
100
150
10 000
1000
100
10
- 75 - 50 - 25
0
255075 100 125
0.0
TYPICAL PARAMETER X8R
DISSIPATION FACTOR VS. TEMPERATURE
TEMPERATURE
°C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
X8R
150 175
TYPICAL PRAMETER X8R
AGING RATE
HOURS
110
100
1000
10 000
1.0
0.0
- 1.0
- 2.0
- 3.0
- 4.0


Similar Part No. - 1210H182

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1210H100JA11A AVX-1210H100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210H100JA13A AVX-1210H100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210H100JA19A AVX-1210H100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210H100JAT1A AVX-1210H100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210H100JAT3A AVX-1210H100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1210H182

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
   Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com