Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-36A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TGL41-36A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TGL41-36A Datasheet(HTML) 3 Page - Vishay Siliconix

  TGL41-36A Datasheet HTML 1Page - Vishay Siliconix TGL41-36A Datasheet HTML 2Page - Vishay Siliconix TGL41-36A Datasheet HTML 3Page - Vishay Siliconix TGL41-36A Datasheet HTML 4Page - Vishay Siliconix TGL41-36A Datasheet HTML 5Page - Vishay Siliconix TGL41-36A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TGL41-6.8 thru TGL41-200A
Vishay General Semiconductor
Document Number: 88403
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
TGL41-51A
48.5
53.6
1.0
43.6
5.0
5.7
70.1
0.105
TGL41-56
50.4
61.6
1.0
45.4
5.0
5.0
80.5
0.106
TGL41-56A
53.2
58.8
1.0
47.8
5.0
5.2
77.0
0.106
TGL41-62
55.8
68.2
1.0
50.2
5.0
4.5
89.0
0.107
TGL41-62A
58.9
65.1
1.0
53.0
5.0
4.7
85.0
0.107
TGL41-68
61.2
74.8
1.0
55.1
5.0
4.1
98.0
0.107
TGL41-68A
64.6
71.4
1.0
58.1
5.0
4.3
92.0
0.107
TGL41-75
67.5
82.5
1.0
60.7
5.0
3.7
108
0.108
TGL41-75A
71.3
78.8
1.0
64.1
5.0
3.9
103
0.108
TGL41-82
73.8
90.2
1.0
66.4
5.0
3.4
118
0.108
TGL41-82A
77.9
86.1
1.0
70.1
5.0
3.5
113
0.108
TGL41-91
81.9
100
1.0
73.7
5.0
3.1
131
0.109
TGL41-91A
86.5
95.5
1.0
77.8
5.0
3.2
125
0.109
TGL41-100
90.0
110
1.0
81.0
5.0
1.39
144
0.109
TGL41-100A
95.0
105
1.0
85.5
5.0
1.46
137
0.109
TGL41-110
99.0
121
1.0
89.2
5.0
1.27
158
0.110
TGL41-110A
105
116
1.0
94.0
5.0
1.32
152
0.110
TGL41-120
108
132
1.0
97.2
5.0
1.16
173
0.110
TGL41-120A
114
126
1.0
102
5.0
1.21
165
0.110
TGL41-130
117
143
1.0
105
5.0
1.07
187
0.110
TGL41-130A
124
137
1.0
111
5.0
1.12
179
0.110
TGL41-150
135
165
1.0
121
5.0
0.93
215
0.111
TGL41-150A
143
158
1.0
128
5.0
0.97
207
0.111
TGL41-160
144
176
1.0
130
5.0
0.87
230
0.111
TGL41-160A
152
168
1.0
136
5.0
0.91
219
0.111
TGL41-170
153
187
1.0
138
5.0
0.82
244
0.111
TGL41-170A
162
179
1.0
145
5.0
0.85
234
0.111
TGL41-180
162
198
1.0
146
5.0
0.78
258
0.111
TGL41-180A
171
189
1.0
154
5.0
0.81
246
0.111
TGL41-200
180
220
1.0
162
5.0
0.70
287
0.111
TGL41-200A
190
210
1.0
171
5.0
0.73
274
0.111
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN
VOLTAGE
VBR (V)
(1)
TEST
CURRENT
AT IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM ID
(µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR (%/°C)
MIN.
MAX.
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TGL41-6.8A-E3/96
0.134
96
1500
7" diameter plastic tape and reel
TGL41-6.8A-E3/97
0.134
97
5000
13" diameter plastic tape and reel


Similar Part No. - TGL41-36A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-36A DIOTEC-TGL41-36A Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-36A MICROSEMI-TGL41-36A Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-36A MICROSEMI-TGL41-36A Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-36A VISHAY-TGL41-36A Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
Diotec Semiconductor
TGL41-36A DIOTEC-TGL41-36A Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - TGL41-36A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com