Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH1617A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH1617A
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH1617A Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH1617A Datasheet HTML 1Page - Vishay Siliconix SFH1617A Datasheet HTML 2Page - Vishay Siliconix SFH1617A Datasheet HTML 3Page - Vishay Siliconix SFH1617A Datasheet HTML 4Page - Vishay Siliconix SFH1617A Datasheet HTML 5Page - Vishay Siliconix SFH1617A Datasheet HTML 6Page - Vishay Siliconix SFH1617A Datasheet HTML 7Page - Vishay Siliconix SFH1617A Datasheet HTML 8Page - Vishay Siliconix SFH1617A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83552
4
Rev. 1.6, 25-Jan-08
SFH1617A
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS, 110 °C
Rated
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Collector emitter saturation
voltage
IF = 10 mA, f = 1.0 MHz
VCEsat
0.4
0.25
V
Coupling capacitance
CC
0.4
pF
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 5.0 V
SFH1617A-1
CTR
40
80
%
SFH1617A-2
CTR
63
125
%
SFH1617A-3
CTR
100
200
%
SFH1617A-4
CTR
160
320
%
IF = 1.0 mA, VCE = 5.0 V
SFH1617A-1
CTR
13
30
%
SFH1617A-2
CTR
22
45
%
SFH1617A-3
CTR
34
70
%
SFH1617A-4
CTR
56
90
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Turn-on time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
ton
3.0
µs
Rise time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
tr
2.0
µs
Turn-off time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
toff
2.3
µs
Fall time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
tf
2.0
µs
Cut-off frequency
IF = 10 mA, VCC = 5.0 V
fctr
250
kHz
SATURATED
Turn-on time
IF = 20 mA
SFH1617A-1
ton
3.0
µs
IF = 10 mA
SFH1617A-2
ton
4.2
µs
SFH1617A-3
ton
4.2
µs
IF = 5.0 mA
SFH1617A-4
ton
6.0
µs
Rise time
IF = 20 mA
SFH1617A-1
tr
2.0
µs
IF = 10 mA
SFH1617A-2
tr
3.0
µs
SFH1617A-3
tr
3.0
µs
IF = 5.0 mA
SFH1617A-4
tr
4.6
µs
SATURATED
Turn-off time
IF = 20 mA
SFH1617A-1
toff
18
µs
IF = 10 mA
SFH1617A-2
toff
23
µs
SFH1617A-3
toff
23
µs
IF = 5.0 mA
SFH1617A-4
toff
25
µs
Fall time
IF = 20 mA
SFH1617A-1
tf
11
µs
IF = 10 mA
SFH1617A-2
tf
14
µs
SFH1617A-3
tf
14
µs
IF = 5.0 mA
SFH1617A-4
tf
15
µs


Similar Part No. - SFH1617A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A-1 VISHAY-SFH1617A-1 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH1617A-2 VISHAY-SFH1617A-2 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
SFH1617A-2 VISHAY-SFH1617A-2 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
More results

Similar Description - SFH1617A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_07 Datasheet
133Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Rev. 1.7, 25-Jan-07
SFH617A VISHAY-SFH617A_V01 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com