Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6731 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH6731
Description  High Speed Optocoupler, Dual, 5 MBd
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6731 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6731_04 Datasheet HTML 1Page - Vishay Siliconix SFH6731_04 Datasheet HTML 2Page - Vishay Siliconix SFH6731_04 Datasheet HTML 3Page - Vishay Siliconix SFH6731_04 Datasheet HTML 4Page - Vishay Siliconix SFH6731_04 Datasheet HTML 5Page - Vishay Siliconix SFH6731_04 Datasheet HTML 6Page - Vishay Siliconix SFH6731_04 Datasheet HTML 7Page - Vishay Siliconix SFH6731_04 Datasheet HTML 8Page - Vishay Siliconix SFH6731_04 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number 83685
Rev. 1.5, 26-Oct-04
SFH6731/ SFH6732
Vishay Semiconductors
Switching Characteristics
0°C
≤ T
amb ≤ 85 °C; 4.5 V ≤ VCC ≤ 15 V; 1.6 mA ≤ IFon ≤ 5.0 mA; 0 mA ≤ IFoff ≤ 0.1 mA
Typical values: Tamb = 25 ° C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified.
Common Mode Transient Immunity
Tamb = 25 °C, VCC = 5 V
(4)
(4) CMH is the maximum slew rate of a common mode voltage VCM at which the output voltage remains at logic high level (VO > 2.0 V).
CML is the maximum slew rate of a common mode voltage VCM at which the output voltage remains at logic low level (VO < 0.8 V).
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Propagation delay time to logic
low output level
Without peaking capacitor
tPHL
120
ns
With peaking capacitor
tPHL
115
300
ns
Without peaking capacitor
tPLH
125
ns
With peaking capacitor
tPLH
90
300
ns
Output rise time
10 % to 90 %
tr
40
ns
Output fall time
90 % to 10 %
tf
10
ns
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Logic high common mode
transient immunity4)
| VCM | = 50 V, IF = 1.6 mA
SFH6731
| CMH |
1000
V/
µs
| VCM | = 300 V, IF = 1.6 mA
SFH6732
| CMH |
5000
V/
µs
Logic low common mode
transient immunity4)
| VCM | = 50 V, IF = 0 mA
SFH6731
| CML |
1000
V/
µs
| VCM | = 1000 V, IF = 0 mA
SFH6732
| CML |
10000
V/
µs
Figure 1. Permissible Total Power Dissipation vs. Temperature
isfh6731_01
TA - Temperature - °C
Emitter
Detector
150
120
100
75
50
25
0
–60
100
80
60
40
20
0
–20
–40
Figure 2. Typical Input Diode Forward Current vs. Forward Voltage
isfh6731_02
VF - Forward Voltage
0.010
0.100
1.000
10.000
1.3
1.4
1.5
1.6
1.7
TA =25°C


Similar Part No. - SFH6731_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6700 VISHAY-SFH6700 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH6700-X009 VISHAY-SFH6700-X009 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6700-X009 VISHAY-SFH6700-X009 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
More results

Similar Description - SFH6731_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com