Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6732 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SFH6732
Description  High Speed Optocoupler, Dual, 5 MBd
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6732 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SFH6732 Datasheet HTML 3Page - Vishay Siliconix SFH6732 Datasheet HTML 4Page - Vishay Siliconix SFH6732 Datasheet HTML 5Page - Vishay Siliconix SFH6732 Datasheet HTML 6Page - Vishay Siliconix SFH6732 Datasheet HTML 7Page - Vishay Siliconix SFH6732 Datasheet HTML 8Page - Vishay Siliconix SFH6732 Datasheet HTML 9Page - Vishay Siliconix SFH6732 Datasheet HTML 10Page - Vishay Siliconix SFH6732 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
8
Document Number 83685
Rev. 1.5, 26-Oct-04
SFH6731/ SFH6732
Vishay Semiconductors
Figure 19. Test Circuit for tPLH, tPHL, tr and tf
Figure 20. Test Circuit for Common Mode Transient Immunity and Typical Waveforms
isfh6731_19
All diodes are 1N916 or 1N3064
The Probe and Jig Capacitances are included in C1 and C2
Pulse generator
tr,tf =5ns
f=100kHz
10% Duty cycle
1
2
3
4
Input IF
Monitoring
Node
C1 = 120 pF
C2 =15pF R2=5kOhm
R3 = 619 Ohm
VCC
Gnd
VCC
5V
Output Vo
Monitoring
Node
D1
D2
D3
D4
IF
R1
0.1
µF
Bypass
8
7
6
5
R1
IF (ON)
2.15 kOhm
1.6 mA
681 Ohm
5mA
1.1 kOhm
3mA
Input IF
Output VO
IFon
50% IFon
0mA
VOH
1.3 V
tPLH
tPHL
VOL
isfh6731_20
0.1
µF
Bypass
Output VO
Monitoring
Node
1
2
3
4
6
7
8
VCC
A
B
R
Pulse Generator
+
VCM
5
Output VO
VCM
400V/50V
Switch at A: IF = 1.6 mA
0V
VOH
VO (min)
VOL
VO (max)
Switch at B: IF =0mA
VCC
Gnd


Similar Part No. - SFH6732

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6700 VISHAY-SFH6700 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH6700-X009 VISHAY-SFH6700-X009 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6700-X009 VISHAY-SFH6700-X009 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
More results

Similar Description - SFH6732

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com