Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCMD4000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCMD4000
Description  Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMD4000 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCMD4000 Datasheet HTML 1Page - Vishay Siliconix TCMD4000 Datasheet HTML 2Page - Vishay Siliconix TCMD4000 Datasheet HTML 3Page - Vishay Siliconix TCMD4000 Datasheet HTML 4Page - Vishay Siliconix TCMD4000 Datasheet HTML 5Page - Vishay Siliconix TCMD4000 Datasheet HTML 6Page - Vishay Siliconix TCMD4000 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83513
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.9, 11-Jan-08
1
Optocoupler, Photodarlington Output, High Gain, Single/Quad
Channel, Half Pitch Mini-Flat Package
TCMD1000/TCMD4000
Vishay Semiconductors
DESCRIPTION
The TCMD1000/TCMD4000 consist of a photodarlington
optically coupled to a gallium arsenide infrared-emitting
diodes in either a 4 pin or 16 pin miniflat package.
The elements provide a fixed distance between input and
output for highest safety requirements.
FEATURES
• Low profile package (half pitch)
• AC isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Programmable logic
• Modems
• Answering machines
• General applications
AGENCY APPROVALS
• UL1577, file no. E76222 system code M, double protection
• CSA 22.2 bulletin 5A, double protection
• VDE DIN EN 60747-5-2 (VDE 0884)
17298
C
CE
AC
4 PIN
16 PIN
12
8
9
ORDER INFORMATION
PART
REMARKS
TCMD1000
CTR > 600 %, SOP-4
TCMD4000
CTR > 600 %, SOP-16
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tP ≤ 10 µs
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
35
V
Emitter collector voltage
VECO
7V
Collector current
IC
80
mA
Collector peak current
tP/T = 0.5, tP ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C


Similar Part No. - TCMD4000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD4000 VISHAY-TCMD4000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
TCMD4000 VISHAY-TCMD4000 Datasheet
377Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 26-Oct-04
TCMD4000 VISHAY-TCMD4000 Datasheet
206Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
TCMD4000 VISHAY-TCMD4000 Datasheet
206Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2023
More results

Similar Description - TCMD4000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD1000 VISHAY-TCMD1000_V01 Datasheet
206Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
TCMD1000 VISHAY-TCMD1000_V02 Datasheet
206Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2023
TCMD4000 VISHAY-TCMD4000 Datasheet
377Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 26-Oct-04
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.1, 19-Jan-16
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2023
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 3.0, 10-Mar-16
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.7, 10-Mar-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com