Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCST1300 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCST1300
Description  Transmissive Optical Sensor with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1300 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCST1300 Datasheet HTML 1Page - Vishay Siliconix TCST1300 Datasheet HTML 2Page - Vishay Siliconix TCST1300 Datasheet HTML 3Page - Vishay Siliconix TCST1300 Datasheet HTML 4Page - Vishay Siliconix TCST1300 Datasheet HTML 5Page - Vishay Siliconix TCST1300 Datasheet HTML 6Page - Vishay Siliconix TCST1300 Datasheet HTML 7Page - Vishay Siliconix TCST1300 Datasheet HTML 8Page - Vishay Siliconix TCST1300 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83764
Rev. 1.8, 16-Aug-06
TCST1103/1202/1300/2103/2202/2300
Vishay Semiconductors
Input (Emitter)
Output (Detector)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Coupler
Input (Emitter)
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
3A
Power dissipation
Tamb ≤ 25°C
PV
100
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
100
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
200
mA
Power dissipation
Tamb ≤ 25°C
PV
150
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
VCE = 5 V, IF = 20 mA
TCST1103,
TCST2103
CTR
10
20
%
TCST1202,
TCST2202
CTR
5
10
%
TCST1300,
TCST2300
CTR
1.25
2.5
%
Collector current
VCE = 5 V, IF = 20 mA
TCST1103,
TCST2103
IC
24
mA
TCST1202,
TCST2202
IC
12
mA
TCST1300,
TCST2300
IC
0.25
0.5
mA
Collector emitter saturation
voltage
IF = 20 mA, IC = 1 mA
TCST1103,
TCST2103
VCEsat
0.4
V
IF = 20 mA, IC = 0.5 mA
TCST1202,
TCST2202
VCEsat
0.4
V
IF = 20 mA, IC = 0.1 mA
TCST1300,
TCST2300
VCEsat
0.4
V
Resolution, path of the shutter
crossing the radiant sensitive
zone
ICrel = 10 to 90 %
TCST1103,
TCST2103
s0.6
mm
TCST1202,
TCST2202
s0.4
mm
TCST1300,
TCST2300
s0.2
mm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF


Similar Part No. - TCST1300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1300 VISHAY-TCST1300 Datasheet
82Kb / 9P
   Transmissive Optical Sensor with Phototransistor Output
Rev. A5, 08-Jun-99
TCST1300 VISHAY-TCST1300 Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCST1300 VISHAY-TCST1300 Datasheet
266Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.9, 17-Aug-09
TCST1300 VISHAY-TCST1300 Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
TCST1300 VISHAY-TCST1300 Datasheet
241Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 2.0, 24-Aug-11
More results

Similar Description - TCST1300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.4, 16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.8, 20-Sep-10
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.0, 17-Aug-09
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.6, 16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.7, 06-Nov-06
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
   Transmissive Optical Sensor with Phototransistor Output
Rev. A1, 08-Jun-99
TCST5123 VISHAY-TCST5123 Datasheet
76Kb / 7P
   Transmissive Optical Sensor with Phototransistor Output
Rev. A3, 08-Jun-99
TCST1103 VISHAY-TCST1103_V01 Datasheet
246Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com