Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ9526Y823 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ9526Y823
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ9526Y823 Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ9526Y823 Datasheet HTML 1Page - Vishay Siliconix VJ9526Y823 Datasheet HTML 2Page - Vishay Siliconix VJ9526Y823 Datasheet HTML 3Page - Vishay Siliconix VJ9526Y823 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45024
66
Revision: 29-Sep-08
VJ X7R VTOP
Not for New Designs
Product Discontinuation
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
for Low Profile Applications
SELECTION CHART
STYLE
VJ9522
VJ9526
VJ9622
VJ9626
VJ9722
VJ9726
VJ9922
VJ9926
EIA TYPE
0603
0805
1206
1210
VOLTAGE (Vdc)
25
50
25
50
25
50
25
50
25
50
25
50
25
50
25
50
CAP.
CODE
CAP.
471
470 pF
••••••••
561
560 pF
••••••••
681
680 pF
••••••••
821
820 pF
••••••••
102
1000 pF
••••••••••••
122
1200 pF
••••••••••••
152
1500 pF
••••••••••••
182
1800 pF
••••••••••••
222
2200 pF
••••••••••••
272
2700 pF
••••••••••••
332
3300 pF
••••••••••••
392
3900 pF
••••••••••••
472
4700 pF
••••••••••••
562
5600 pF
••••••••••••
682
6800 pF
••••••••••••
822
8200 pF
••••••••••••
103
0.010 µF
••••••••••••••••
123
0.012 µF
••••••••••••••
153
0.015 µF
•••••••••••
183
0.018 µF
•••••••••••
203
0.020 µF
•••••••••••
223
0.022 µF
•••••••••••
273
0.027 µF
•••••••••••
333
0.033 µF
••••••••••
393
0.039 µF
••••••••
473
0.047 µF
••••••••
563
0.056 µF
••••••••
683
0.068 µF
••••••••
823
0.082 µF
••••••
104
0.10 µF
••••
124
0.12 µF
••••
154
0.15 µF
••••
184
0.18 µF
•••
224
0.22 µF
••
274
0.27 µF
••
334
0.33 µF


Similar Description - VJ9526Y823

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com