Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV29F-300 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYV29F-300
Description  Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV29F-300 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYV29F-300 Datasheet HTML 1Page - Vishay Siliconix BYV29F-300 Datasheet HTML 2Page - Vishay Siliconix BYV29F-300 Datasheet HTML 3Page - Vishay Siliconix BYV29F-300 Datasheet HTML 4Page - Vishay Siliconix BYV29F-300 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UG(F,B)8FT & UG(F,B)8GT, BYV29(F,B)-300 & BYV29(F,B)-400
Vishay General Semiconductor
Document Number: 88557
Revision: 07-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Ultrafast Rectifier
FEATURES
• Glass passivated chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power
supplies,
inverters,
freewheeling
diodes,
dc-to-dc converters, and other power switching
application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
300 V, 400 V
IFSM
110 A
trr
35 ns
VF
1.03 V
TJ max.
150 °C
TO-263AB
CASE
PIN 2
PIN 1
TO-220AC
BYV29, UG8 Series
ITO-220AC
BYV29F, UGF8 Series
BYV29B, UGB8 Series
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
PIN 2
PIN 1
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYV29-300
UG8FT
BYV29-400
UG8GT
UNIT
Maximum repetitive peak reverse voltage
VRRM
300
400
V
Maximum working reverse voltage
VRWM
300
400
V
Maximum RMS voltage
VRMS
210
280
V
Maximum DC blocking voltage
VDC
300
400
V
Maximum average forward rectified current at TC = 100 °C
IF(AV)
8.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
110
A
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C
Isolation voltage (ITO-220AC only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - BYV29F-300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV29F-300 PHILIPS-BYV29F-300 Datasheet
52Kb / 7P
   Rectifier diodes ultrafast
February 1999 Rev 1.400
logo
EIC discrete Semiconduc...
BYV29F-300 EIC-BYV29F-300 Datasheet
44Kb / 2P
   Dual Ultrafast Plastic Rectifiers
More results

Similar Description - BYV29F-300

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com