Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG8HCT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UG8HCT
Description  Dual Common-Cathode Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG8HCT Datasheet(HTML) 3 Page - Vishay Siliconix

  UG8HCT Datasheet HTML 1Page - Vishay Siliconix UG8HCT Datasheet HTML 2Page - Vishay Siliconix UG8HCT Datasheet HTML 3Page - Vishay Siliconix UG8HCT Datasheet HTML 4Page - Vishay Siliconix UG8HCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
UG(F,B)8HCT & UG(F,B)8JCT
Vishay General Semiconductor
Document Number: 88766
Revision: 09-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
0
0
12
10
6
8
2
4
25
50
75
100
125
150
Case Temperature (°C)
UG8JCT, UGB8JCT
UGF8JCT
P.C.B. with 7.5 x 7.5 x 0.3 cm
Copper Pad
1
100
10
0
20
40
60
80
100
Number of Cycles at 60 Hz
0.5
1.0
1.5
2.0
2.5
Instantaneous Forward Voltage (V)
0.01
0.1
10
100
1
T
J = 25 °C max.
Pulse Width = 300 µs
1 % Duty Cycle
Figure 4. Typical Reverse Leakage Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Reverse Switching Characteristics Per Diode
60
40
20
0
100
80
10
100
1000
10 000
1
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
10
1
100
100
10
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0
120
140
100
60
80
20
40
25
50
75
100
125
150
Q
rr
T
rr
I
F = 4 A
V
R = 30 V
dI/dt =
240 A/µs
60 A/µs
50 A/µs
50 A/µs
60 A/µs
240 A/µs
Junction Temperature (°C)


Similar Part No. - UG8HCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG8HCT VISHAY-UG8HCT Datasheet
69Kb / 3P
   Dual Ultrafast Plastic Rectifier Series
03-Jul-02
UG8HCT VISHAY-UG8HCT Datasheet
149Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
02-Oct-12
More results

Similar Description - UG8HCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U30BCT VISHAY-U30BCT Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 27-Aug-08
GI2401 VISHAY-GI2401_V01 Datasheet
131Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
UG18CT VISHAY-UG18CT Datasheet
189Kb / 4P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-15
U20XCT-E3 VISHAY-U20XCT-E3 Datasheet
150Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
U30XCT-E3 VISHAY-U30XCT-E3 Datasheet
146Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
FEP16XT VISHAY-FEP16XT Datasheet
152Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 23-Feb-16
UG18XCT VISHAY-UG18XCT Datasheet
153Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
UG18ACT VISHAY-UG18ACT Datasheet
157Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UB20BCT-E3 VISHAY-UB20BCT-E3 Datasheet
145Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
UG30APT-E3 VISHAY-UG30APT-E3_V01 Datasheet
88Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com