Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ2225Y153 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VJ2225Y153
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ2225Y153 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VJ2225Y153 Datasheet HTML 2Page - Vishay Siliconix VJ2225Y153 Datasheet HTML 3Page - Vishay Siliconix VJ2225Y153 Datasheet HTML 4Page - Vishay Siliconix VJ2225Y153 Datasheet HTML 5Page - Vishay Siliconix VJ2225Y153 Datasheet HTML 6Page - Vishay Siliconix VJ2225Y153 Datasheet HTML 7Page - Vishay Siliconix VJ2225Y153 Datasheet HTML 8Page - Vishay Siliconix VJ2225Y153 Datasheet HTML 9Page - Vishay Siliconix VJ2225Y153 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45046
102
Revision: 28-Oct-08
VJ OMD - X7R
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
Note:
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
OMD - X7R CAPACITANCE RANGE
EIA CODE
2220 (1)
2225 (1)
VOLTAGE (Vdc)
50
100
200
250
500
630
1000
2000 30000 100
200
500
630
1000
1500
2000
CAP. CODE
CAP.
101
100 pF
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
391
390 pF
471
470 pF
561
560 pF
681
680 pF
821
820 pF
102
1000 pF
122
1200 pF
152
1500 pF
182
1800 pF
222
2200 pF
272
2700 pF
332
3300 pF
392
3900 pF
472
4700 pF
562
5600 pF
••
682
6800 pF
••
822
8200 pF
••
103
0.010 µF
•••
•••
••
•••
••
123
0.012 µF
•••
•••
••
•••
••
153
0.015 µF
•••
•••
••
•••
••
183
0.018 µF
•••
•••
••
•••
••
203
0.020 µF
•••
•••
••
•••
••
223
0.022 µF
•••
•••
••
•••
••
273
0.027 µF
•••
•••
••
•••
••
333
0.033 µF
•••
•••
••
•••
393
0.039 µF
•••
•••
••
•••
473
0.047 µF
•••
•••
••
•••
563
0.056 µF
•••
•••
••
••
683
0.068 µF
•••
•••
••
••
823
0.082 µF
•••
•••
••
••
104
0.10 µF
•••
•••
•••
124
0.12 µF
•••
•••
•••
154
0.15 µF
•••
•••
•••
184
0.18 µF
•••
•••
•••
224
0.22 µF
•••
•••
•••
274
0.27 µF
•••
••
334
0.33 µF
•••
••
394
0.39 µF
•••
474
0.47 µF
•••
564
0.56 µF
•••
684
0.68 µF
•••
824
0.82 µF
••
••
105
1.0 µF
••
••
125
1.2 µF
••
••
155
1.5 µF
••
185
1.8 µF
••
225
2.2 µF


Similar Part No. - VJ2225Y153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ2225Y153 VISHAY-VJ2225Y153 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
More results

Similar Description - VJ2225Y153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
GAEDGESDMLCC VISHAY-GAEDGESDMLCC Datasheet
138Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Electro Static Discharge (ESD) Sensitive Automotive Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com