Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y161112K7560A0R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y161112K7560A0R
Description  High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y161112K7560A0R Datasheet(HTML) 3 Page - Vishay Siliconix

  Y161112K7560A0R Datasheet HTML 1Page - Vishay Siliconix Y161112K7560A0R Datasheet HTML 2Page - Vishay Siliconix Y161112K7560A0R Datasheet HTML 3Page - Vishay Siliconix Y161112K7560A0R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VSM Series (0805, 1206, 1506, 2010, 2512)
Vishay Foil Resistors
High Precision Foil Wraparound Surface
Mount Chip Resistor with TCR of ± 2 ppm/°C
and Load Life Stability of ± 0.01 % (100 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63070
3
Revision: 18-Sep-08
Notes
1. Avoid the use of cleaning agents which could attack epoxy resins,
which form part of the resistor construction
2. Vacuum pick up is recommended for handling
3. Soldering iron may damage the resistor
Note
* For non-standard requests, please contact application engineering.
FIGURE 4 - RECOMMENDED
MOUNTING1)2)3)
25 % to 85 % of T
A low profile solder fillet is
recommended to avoid unnecessary
stresses along top edge of
metallization. IR and vapor phase
reflow are best.
TABLE 5 - SPACE AND MILITARY
SPECIFICATIONS
MODEL
EEE-INST-002
DSCC
MIL-PRF
VSM0805
07024
55342
VSM1206
07025
VSM1506
03010
VSM2010
06001
VSM2512
06002
TABLE 6 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y145512K7560T9R (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = standard
9 = lead (Pb)-free
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1172 = VSM0805
1496 = VSM1206
1455 = VSM1506
1611 = VSM2010
1612 = VSM2512
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
R = tape and reel
W = waffle pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1455 12K7565 T 9 R:
TYPE: VSM1506
VALUES: 12.7560 k
Ω
ABSOLUTE TOLERANCE: 0.01 %
TERMINATION: lead (Pb)-free
PACKAGING: tape and reel
HISTORICAL PART NUMBER: VSM1506 12K756 TCR2 T S T (will continue to be used)
VSM1506
12K756
TCR2
T
S
T
MODEL
RESISTANCE VALUE
TCR
CHARACTERISTICS
TOLERANCE
TERMINATION
PACKAGING
VSM0805
VSM1206
VSM1506
VSM2010
VSM2512
12.756 k
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
S = lead (Pb)-free
B = tin/lead
T = tape and reel
W = waffle pack
455
1
K
75
2
Y1
T9
6
R
0


Similar Part No. - Y161112K7560A0R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
Y16 TAYCHIPST-Y16 Datasheet
3Mb / 3P
   ZENER DIODES
Y160 TAYCHIPST-Y160 Datasheet
3Mb / 3P
   ZENER DIODES
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
Vishay Siliconix
Y1622350K650A0L VISHAY-Y1622350K650A0L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650A9L VISHAY-Y1622350K650A9L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
More results

Similar Description - Y161112K7560A0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
Revision: 19-Feb-08
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
Y16363K00000T9W VISHAY-Y16363K00000T9W Datasheet
433Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
Revision: 26-Mar-10
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com