Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCKHR02A-0410KE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCKHR02A-0410KE
Description  High Precision Bulk Metal® Foil with Tolerance of ± 0.005 % and Qualified to ESA Specification 4001/011
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCKHR02A-0410KE Datasheet(HTML) 3 Page - Vishay Siliconix

  RCKHR02A-0410KE Datasheet HTML 1Page - Vishay Siliconix RCKHR02A-0410KE Datasheet HTML 2Page - Vishay Siliconix RCKHR02A-0410KE Datasheet HTML 3Page - Vishay Siliconix RCKHR02A-0410KE Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63132
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 17-Nov-08
3
RCK HR 02, 02A
High Precision Bulk Metal® Foil with Tolerance of
± 0.005 % and Qualified to ESA Specification 4001/011
Vishay Foil Resistors
MARKING
Ohmic value is printed on the top side, 3 to 6 digits are used,
R stands for
Ω and K for kΩ.
The front side is printed as follows:
- tolerance (letter code)
- ESA specification reference
- quality level
-variant
- manufacturing date (2 digits for the year, 2 digits for the
week)
- a letter to differentiate manufacturing sequence.
ESA logo and serialization number are printed on the back
side.
TOLERANCE CODE
Tolerance ± %
0.005
0.01 0.02 0.05
0.1
0.2
0.5
1
Code SCC
E
L
P
W
B
C
D
F
PACKAGING
Resistors are packed in sealed blisters, up to 10 resistors
per blister pack.
The following information is printed on the blister pack:
- order reference
- date code
- ESA specification reference
- quality level
- review number
ORDERING INFORMATION
RCK HR
02 - 03
10 k
Ω
± 1 %
B1
MODEL
VERSION - VARIANT
OHMIC VALUE
TOLERANCE
QUALITY LEVEL
02 - 03
02 - 07
02A - 04
02A - 08
± 0.005 %
± 0.01 %
± 0.02 %
± 0.05 %
± 0.1 %
± 0.2 %
± 0.5 %
± 1 %
B1
C1
B2
C2
B3
C3


Similar Part No. - RCKHR02A-0410KE

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RCK12U25BK HAMMOND-RCK12U25BK Datasheet
200Kb / 1P
   PAINTED BLACK TEXTURED
RCK12U32BK HAMMOND-RCK12U32BK Datasheet
197Kb / 1P
   PAINTED BLACK TEXTURED
RCK18U25BK HAMMOND-RCK18U25BK Datasheet
206Kb / 1P
   PAINTED BLACK TEXTURED
RCK18U32BK HAMMOND-RCK18U32BK Datasheet
202Kb / 1P
   PAINTED BLACK TEXTURED
RCK20U25BK HAMMOND-RCK20U25BK Datasheet
208Kb / 1P
   PAINTED BLACK TEXTURED
More results

Similar Description - RCKHR02A-0410KE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com