Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJU400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RJU400
Description  Metal Oxide Resistors, Special Purpose High Power, Ultra High Value
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RJU400 Datasheet(HTML) 2 Page - Vishay Siliconix

  RJU400 Datasheet HTML 1Page - Vishay Siliconix RJU400 Datasheet HTML 2Page - Vishay Siliconix RJU400 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
145
RJU
Vishay Dale
Document Number: 31035
Revision 09-Sep-04
For Technical Questions, contact, ff2aresistors@vishay.com
DIMENSIONS in inches [millimeters]
GLOBAL MODEL
RJU040
RJU050
RJU070
RJU095
RJU095..1
RJU140
RJU140..1
RJU275
RJU275..1
RJU150
RJU150..1
RJU400
* Dimensional tolerances are ± 0.016 [0.406mm] or ± 1%, whichever is greater.
D
N/A
N/A
N/A
N/A
0.812
[20.62]
N/A
0.812
[20.62]
N/A
1.140
[28.96]
N/A
1.140
[28.96]
N/A
1.140
[28.96]
C
0.500
[12.70]
0.500
[12.70]
0.500
[12.70]
0.750
[19.05]
N/A
0.750
[19.05]
N/A
1.130
[28.70]
N/A
1.560
[39.62]
N/A
1.560
[39.62]
N/A
STYLE
3
3
3
3
4
3
4
3
4
3
4
3
4
A
4.500
[114.30]
6.000
[152.40]
8.000
[203.20]
6.500
[165.10]
7.690
[195.33]
10.500
[266.70]
11.690
[296.93]
14.500
[368.30]
15.690
[398.53]
6.500
[165.10]
7.690
[195.33]
18.500
[469.90]
19.690
[500.13]
B*
0.750
[19.05]
0.750
[19.05]
0.750
[19.05]
1.130
[28.70]
1.130
[28.70]
1.130
[28.70]
1.130
[28.70]
1.500
[38.10]
1.500
[38.10]
2.000
[50.80]
2.000
[50.80]
2.000
[50.80]
2.000
[50.80]
0.313
[7.95]
0.172 [4.37]
Dia.
Style 4
B
0.781
[19.84]
A
0.516 [13.11]
B
D
Style 3
AC
Metal Oxide Resistors, Special Purpose
0
25
50
75
100
125
150
175
200
225
250
AMBIENT TEMPERATURE IN ˚C
DERATING
120
100
80
60
40
20
0
RJU400..1


Similar Part No. - RJU400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU4351SDPE RENESAS-RJU4351SDPE Datasheet
103Kb / 4P
   430V - 10A - Single Diode Ultra Fast Recovery Diode
RJU4351SDPE-00J3 RENESAS-RJU4351SDPE-00J3 Datasheet
103Kb / 4P
   430V - 10A - Single Diode Ultra Fast Recovery Diode
RJU4351SDPE RENESAS-RJU4351SDPE_15 Datasheet
103Kb / 4P
   430V - 10A - Single Diode Ultra Fast Recovery Diode
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ_15 Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
More results

Similar Description - RJU400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNX0381M00FKEL VISHAY-RNX0381M00FKEL Datasheet
88Kb / 4P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 19-Sep-12
RNX VISHAY-RNX Datasheet
82Kb / 4P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 19-Sep-12
ROX VISHAY-ROX Datasheet
168Kb / 5P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 23-Dec-14
RDX VISHAY-RDX Datasheet
71Kb / 3P
   Metal Oxide Resistors Special Purpose, High Voltage, Ratio Divider
Revision: 19-Nov-10
HVW VISHAY-HVW Datasheet
78Kb / 3P
   Metal Alloy Resistors, Special Purpose, High Voltage
Revision: 21-Aug-06
WK202070C1001FD500 VISHAY-WK202070C1001FD500 Datasheet
130Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 26-May-10
WK VISHAY-WK_15 Datasheet
124Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 29-Oct-14
logo
American Accurate Compo...
RHAL100GFP AAC-RHAL100GFP Datasheet
100Kb / 1P
   Ultra High Value Resistors
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
logo
Vishay Siliconix
WK8 VISHAY-WK8 Datasheet
152Kb / 9P
   High Pulse Load, High Power Metal Oxide Leaded Resistors
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com