Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMKD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RMKD
Description  Hermetic, Dual-In-Line Packaged Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMKD Datasheet(HTML) 3 Page - Vishay Siliconix

  RMKD_08 Datasheet HTML 1Page - Vishay Siliconix RMKD_08 Datasheet HTML 2Page - Vishay Siliconix RMKD_08 Datasheet HTML 3Page - Vishay Siliconix RMKD_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RMKD (CNP)
Vishay Sfernice
Hermetic, Dual-In-Line Packaged Resistor Networks
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60049
96
Revision: 16-Oct-06
DIMENSIONS
RMKD 816
K
7
1
Index mark
L
M
A
B
C
D
FG
H
J
E
8
2
DIMENSION
INCHES
MILLIMETERS
A
0.799
20.30 ± 0.20
B
0.046
1.19
C
0.092
2.35 ± 0.20
D
0.035
0.89 ± 0.25
E
0.129
3.30
F0.018
0.46 ± 0.05
G
0.100
2.54 ± 0.10
H
0.700
17.78 ± 0.10
J
0.050
1.27 ± 0.50
K
0.290
7.37 ± 0.20
L
0.009
0.25 ± 0.05
M
0.300
7.62 ± 0.20
MECHANICAL SPECIFICATIONS
Resistive material
Nichrome
Passivation
Mineral passivation Si3N4
Terminals
Gold
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RMKD408-100KBW0005 (preferred part number format)
GLOBAL MODEL
VALUE
ABS. TOLERANCE
RATIO TOLERANCE
OPTION
RMKD408
RMKD508
RMKD816
RMKD714
RMKD914
Decimal:
R, K or M
B = 0.1 %
W = 0.05 %
W = 0.05 %
P = 0.02 %
L = 0.01 %
leave blank
if no option
For custom specification:
CNP
1186
GLOBAL MODEL
REFERENCE
Historical Part Number Example: RMKD408 100K 0.1 % 0.05 % e4 (will continue to be accepted)
RMKD408
100K
0.1 %
0.05 %
e4
HISTORICAL MODEL
OHMIC VALUE
ABS. TOLERANCE
RATIO TOLERANCE
RoHS
KD
4
0
8
-1
0
0
M
R
B
0
005
K
W


Similar Part No. - RMKD_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKD714 VISHAY-RMKD714 Datasheet
113Kb / 3P
   Hermetic, Dual-In-Line or TO Package Resistor Networks
Revision 27-Apr-01
More results

Similar Description - RMKD_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKD VISHAY-RMKD Datasheet
113Kb / 3P
   Hermetic, Dual-In-Line or TO Package Resistor Networks
Revision 27-Apr-01
1442 VISHAY-1442 Datasheet
127Kb / 2P
   Bulk Metal Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 31-Jul-02
1442 VISHAY-1442_05 Datasheet
173Kb / 3P
   Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
TDP VISHAY-TDP Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
1461 VISHAY-1461 Datasheet
53Kb / 1P
   Bulk Metal Foil Technology Single-In-Line Hermetic Resistor Networks
Revision 31-Jul-02
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
FP201 VISHAY-FP201 Datasheet
223Kb / 3P
   Hermetic Flat-Pak Resistor Networks
Revision: 05-Mar-08
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com