Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMK33N5RF25RB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RMK33N5RF25RB
Description  Dual Value Chip Resistors, Center Tap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMK33N5RF25RB Datasheet(HTML) 1 Page - Vishay Siliconix

  RMK33N5RF25RB Datasheet HTML 1Page - Vishay Siliconix RMK33N5RF25RB Datasheet HTML 2Page - Vishay Siliconix RMK33N5RF25RB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual Value Chip Resistors, Center Tap
RMK 33N
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60068
28
Revision: 06-Oct-08
The demand for high precision, high stability microchips for
both military and industrial environments is increasing with
the growth and sophistication of modern day hybrid circuitry.
The need for high accuracy ultra stable micro dividers
particularly triggered the development of these third
generation nickel chromium microchip dividers which offer
standards of accuracy and thermal/time stability never
achieved before in the conventional second generation thin
metal film technologies.
FEATURES
• High precision
• Very low temperature coefficient < 10 ppm/°C
• Excellent stability 0.03 % (2000 h, rated power,
at + 70 °C)
• Wirebondable
TYPICAL PERFORMANCE
SCHEMATICS
(Unequal values on request)
Note:
(1) For Temperature up to 200 °C, please consult factory
* Please see document “Vishay Green and Halogen-Free Definitions (5-2008)” http://www.vishay.com/doc?99902
Actual Size
ABS
TRACKING
TCR
5 ppm/°C
1 ppm/°C
ABS
RATIO
TOL.
0.1 %
0.01 %
RT = R1 + R2 with R1 = R2 Standard
R
1
R
2
R
T
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
SERIES
ULTRAFILM®
Resistance range
1 k
Ω to 250 kΩ
(RT = R1 + R2)
TCR:
Tracking
± 1 ppm/°C typical (± 2 ppm/°C maximum)
- 55 °C to + 125 °C
Absolute
± 5 ppm/°C maximum
± 10 ppm/°C maximum
0 °C to + 70 °C
- 55 °C to + 155 °C
Tolerance:
Ratio
0.1 %, 0.05 %, 0.02 %, 0.01 %
Absolute
± 0.1 %, ± 0.5 %, ± 1 %
Power rating
125 mW at 25 °C/50 mW at + 70 °C, 25 mW at + 125 °C
Stability
300 ppm typical
2000 h at + 70 °C under Pn
Voltage coefficient
< 0.01 ppm/V
Working voltage
100 VDC on RT
Operating temperature range
- 55 °C to + 155 °C (1)
Storage temperature range
- 55 °C to + 155 °C
Noise
< - 35 dB typical
MIL-STD-202 Method 308
Thermal EMF
< 0.01 µV/°C
Shelf life stability
50 ppm
1 year


Similar Part No. - RMK33N5RF25RB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
   Dual Value Chip Resistor, Center Tap
Revision 22-Jul-03
More results

Similar Description - RMK33N5RF25RB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS33 VISHAY-CS33_08 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
TA33 VISHAY-TA33_08 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RSK33N VISHAY-RSK33N Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
CS33 VISHAY-CS33 Datasheet
71Kb / 3P
   Dual Value Chip Resistor, Center Tap
Revision 27-Apr-01
TA33 VISHAY-TA33 Datasheet
189Kb / 3P
   Dual Value, Chip Resistor Center Tap
Revision 24-Feb-06
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
   Dual Value Chip Resistor, Center Tap
Revision 22-Jul-03
S30R VISHAY-S30R Datasheet
257Kb / 3P
   Center Tap Chip Resistor
Revision 01-May-03
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
logo
Vishay Siliconix
RMK22N VISHAY-RMK22N Datasheet
85Kb / 3P
   Single Value Chip Resistors
Revision: 11-Mar-14
RMK55N VISHAY-RMK55N Datasheet
91Kb / 3P
   Single Value Chip Resistors
Revision: 06-Oct-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com