Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS07B-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RS07B-GS18
Description  Small Signal Fast Switching Diode, High Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS07B-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  RS07B-GS18 Datasheet HTML 1Page - Vishay Siliconix RS07B-GS18 Datasheet HTML 2Page - Vishay Siliconix RS07B-GS18 Datasheet HTML 3Page - Vishay Siliconix RS07B-GS18 Datasheet HTML 4Page - Vishay Siliconix RS07B-GS18 Datasheet HTML 5Page - Vishay Siliconix RS07B-GS18 Datasheet HTML 6Page - Vishay Siliconix RS07B-GS18 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85742
Rev. 1.8, 13-Apr-05
RS07B / 07D / 07G / 07J
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads (
≥ 40 μm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
2) Pulse test, 300
μs pulse width 1 % duty cycle
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air1)
RthJA
180
K/W
Operating junction and storage
temperature range
TJ, TSTG
- 55 to + 150
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Maximum instantaneous
forward voltage
0.7 A2)
VF
1.15
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25°C
IR
10
μA
TA = 125°C
IR
50
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
RS07B
trr
150
ns
RS07D
trr
150
ns
RS07G
trr
150
ns
RS07J
trr
250
ns
Typical capacitance
4 V, 1 MHz
Cj
9pF
Figure 1. Typical Forward Characteristics
0,001
0,01
0,1
1
10
0,00
0,20
0,40
0,60
0,80
1,00
1,20
1,40
1,60
1,80
VF[V]
typical @ 25°C RS07D
typical @ 150°C RS07D
typical @ 25°C RS07G
typical @ 150°C RS07G
typical @ 25°C RS07J
typical @ 150°C RS07J
18246
Figure 2. Forward Current Derating Curve
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
0
25
50
75
100
125
150
Temperature (Ambient or Tie) [°C]
ambient temperature
tie point temperature
18247


Similar Part No. - RS07B-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS07B-M VISHAY-RS07B-M Datasheet
91Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.1, 30-Aug-10
RS07B-M VISHAY-RS07B-M Datasheet
121Kb / 7P
   Fast Rectifier Surface-Mount
01-Jan-2022
RS07B-M VISHAY-RS07B-M_V01 Datasheet
121Kb / 7P
   Fast Rectifier Surface-Mount
01-Jan-2022
More results

Similar Description - RS07B-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B VISHAY-S07B_05 Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07B VISHAY-RS07B_12 Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
RS07B-M VISHAY-RS07B-M Datasheet
91Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.1, 30-Aug-10
BAY135 VISHAY-BAY135_12 Datasheet
73Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 02-Aug-12
S07D VISHAY-S07D Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18_15 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
BAY135 VISHAY-BAY135_V01 Datasheet
77Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
01-Jan-2022
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com