Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTS120602B100R1K00P500 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTS120602B100R1K00P500
Description  Platinum SMD Flat Chip Temperature Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTS120602B100R1K00P500 Datasheet(HTML) 2 Page - Vishay Siliconix

  PTS120602B100R1K00P500 Datasheet HTML 1Page - Vishay Siliconix PTS120602B100R1K00P500 Datasheet HTML 2Page - Vishay Siliconix PTS120602B100R1K00P500 Datasheet HTML 3Page - Vishay Siliconix PTS120602B100R1K00P500 Datasheet HTML 4Page - Vishay Siliconix PTS120602B100R1K00P500 Datasheet HTML 5Page - Vishay Siliconix PTS120602B100R1K00P500 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: nlr.europe@vishay.com
Document Number: 28762
2
Revision: 29-Jan-08
PTS Series - Pt-Sensors
Vishay Beyschlag
Platinum SMD Flat Chip
Temperature Sensor
DIMENSIONS
PRODUCTION
Production is strictly controlled and follows an extensive set
of
instructions
established
for
reproducibility.
A
homogeneous film of platinum is deposited on a high grade
ceramic body (96 % AI2O3). The sensor-elements are
covered by a protective coating designed for electrical,
mechanical and climatic protection. The terminations receive
a final pure tin on nickel plating.
QUALITY
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual sensors. Only accepted products are laid directly
into the paper tape in accordance with IEC 60286-3.
STORAGE
Solderability is specified for 2 years after production or
re-qualification. The permitted storage time is 20 years.
ASSEMBLY
The Pt-sensors are suitable for processing on automatic
SMD assembly systems. They are suitable for automatic
soldering using wave, reflow or vapour phase. The
encapsulation
is
resistant
to
all
cleaning
solvents
commonly used in the electronics industry, including
alcohols, esters and aqueous solutions. The Pt-sensors are
RoHS compliant, the pure tin plating provides compatibility
with
lead
(Pb)-free
and
lead-containing
soldering
processes. The immunity of the plating against tin whisker
growth has been proven under extensive testing.
All products comply with the CEFIC-EECA-EICTA list of legal
restrictions on hazardous substances.
This includes full compatibility with the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV)
• 2000/53/EC Annex II to End of Vehicle Life Directive
(ELV II)
• 2002/95/EC Restriction of the use of Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
APPROVALS
The Pt-sensors are tested in accordance with IEC 60751
and IEC 60068 series.
T2
T1
L
H
W
WT
DIMENSIONS - PTS sensor types, mass and relevant physical dimensions
TYPE
H
(mm)
L
(mm)
W
(mm)
WT
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
PTS 0603
0.45 + 0.1/- 0.05
1.55 ± 0.05
0.85 ± 0.1
> 75 % of W
0.3 + 0.15/- 0.2
0.3 + 0.15/- 0.2
1.9
PTS 0805
0.45 + 0.1/- 0.05
2.0 ± 0.1
1.25 ± 0.15
> 75 % of W
0.4 + 0.1/- 0.2
0.4 + 0.1/- 0.2
4.6
PTS 1206
0.55 ± 0.1
3.2 + 0.1/- 0.2
1.6 ± 0.15
> 75 % of W
0.4 + 0.1/- 0.2
0.4 + 0.1/- 0.2
9.2
Lead (Pb)-free Identification
on the Package Label
e3


Similar Part No. - PTS120602B100R1K00P500

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTS1206 EATON-PTS1206 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Cooper Bussmann, Inc.
PTS120615V050 COOPER-PTS120615V050 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
PTS120615V050 COOPER-PTS120615V050 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Eaton All Rights Reserv...
PTS120615V050 EATON-PTS120615V050 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Cooper Bussmann, Inc.
PTS120616V025 COOPER-PTS120616V025 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
More results

Similar Description - PTS120602B100R1K00P500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTSAT VISHAY-PTSAT Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS-AT VISHAY-PTS-AT Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS VISHAY-PTS Datasheet
110Kb / 6P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTSATAU VISHAY-PTSATAU Datasheet
581Kb / 5P
   Gold Terminated Platinum SMD Flat Chip Temperature Sensor
01-Jan-2022
logo
IRC - a TT electronics ...
RTD-P1206-42-1000-D IRCTT-RTD-P1206-42-1000-D Datasheet
333Kb / 2P
   Platinum Temperature Sensor
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
   Platinum Temperature Sensor
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
   Platinum Temperature Sensor
logo
RHOPOINT COMPONENTS
51206902 RHOPOINT-51206902 Datasheet
147Kb / 1P
   Platinum Temperature Sensor CPT 100 SMD 1206
CPT1000 RHOPOINT-CPT1000 Datasheet
119Kb / 1P
   Platinum Temperature Sensor SMD 1206 CPT 1000
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
   THIN-FILM PLATINUM TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com