Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPWB0001000AK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WPWB0001000AK
Description  Thin Film Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WPWB0001000AK Datasheet(HTML) 1 Page - Vishay Siliconix

  WPWB0001000AK Datasheet HTML 1Page - Vishay Siliconix WPWB0001000AK Datasheet HTML 2Page - Vishay Siliconix WPWB0001000AK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PWB
www.vishay.com
Vishay Electro-Films
Revision: 04-Mar-13
1
Document Number: 61021
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Power Resistors
Product may not be to scale
The PWB series resistor chips offer a 1 W power rating in a
relatively small size. They offer one of the best combinations
of size and power available.
The PWBs are manufactured using Vishay Electro-Films
(EFI) sophisticated thin film equipment and manufacturing
technology. The PWBs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032, class H or
class K.
FEATURES
• Wire bondable
•Power: 1 W
• Chip size: 0.070 inches square
• Case: 0707
• Resistance range: 0.3
 to 20 k
• Oxidized silicon substrate for good power dissipation
• Resistor material: Tantalum nitride, self-passivating
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
The PWB resistor chips are used mainly in higher power
circuits of amplifiers where increased power loads require a
more specialized resistor.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
0.3 to 20K
Standard Tolerances
± 0.5, ± 1, ± 5
%
TCR
± 50, ± 100, ± 250
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
100
 to 250 k
< 100
 or > 251 k
- 35 typ.
- 20 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106
± 0.5 max.
R/R
%
Stability, 1000 h, + 125 °C, 500 mW
± 0.5 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.1 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.2 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
Steady State
5 x Rated Power
100 max.
200 max.
V
DC Power Rating at + 70 °C (Derated to zero at + 175 °C)
(Conductive epoxy die attach to alumina substrate)
1
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
± 250 ppm/°C
± 50 ppm/°C
± 100 ppm/°C
0.5 %
20 k
Ω
50
Ω
0.3
Ω
2
Ω 10 Ω
10 k
Ω
1 %
5 %
Tightest Standard Tolerance Available
* ± 600 ppm/C R < 2
Ω
*


Similar Part No. - WPWB0001000AK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WPWA00010000B VISHAY-WPWA00010000B Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
WPWA00010000C VISHAY-WPWA00010000C Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
WPWA00010000D VISHAY-WPWA00010000D Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
WPWA00010000F VISHAY-WPWA00010000F Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
WPWA00010000G VISHAY-WPWA00010000G Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
More results

Similar Description - WPWB0001000AK

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2270 RIEDON-PF2270 Datasheet
252Kb / 2P
   Thin Film Power Resistors
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
87Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
PWA VISHAY-PWA Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
logo
List of Unclassifed Man...
TNP10 ETC2-TNP10 Datasheet
1Mb / 2P
   Power Thin film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
80Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
logo
Riedon Powertron
PF2270 RIEDON-PF2270_15 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-0R5J1 RIEDON-PF2272-0R5J1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-1KJ1 RIEDON-PF2272-1KJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-50RJ1 RIEDON-PF2272-50RJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-10RJ1 RIEDON-PF2272-10RJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com