Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1506100R500TR0L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y1506100R500TR0L
Description  Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1506100R500TR0L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y1506100R500TR0L Datasheet HTML 1Page - Vishay Siliconix Y1506100R500TR0L Datasheet HTML 2Page - Vishay Siliconix Y1506100R500TR0L Datasheet HTML 3Page - Vishay Siliconix Y1506100R500TR0L Datasheet HTML 4Page - Vishay Siliconix Y1506100R500TR0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63007
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 03-Sep-08
1
Military and Space Established Reliability
Vishay Foil Resistors
Bulk Metal® Foil Technology
RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
INTRODUCTION
Vishay Military Established Reliability resistors are available
in resistance values from 4.99
Ω through 121 kΩ and for
tolerances from ± 0.005 % to ± 1.0 %. The same resistors are
also available as a non-qualified product for customers
desiring higher or lower resistance values and the same or
better performance capabilities. (See table 2) Both the
qualified and the non-qualified version are manufactured on
the same production line facilities and are subjected to the
same process, lot control, conditioning, and GRP A (100 %)
screening. Qualified versions receive additional MIL Group B
and C testing.
FEATURES
• QPL product with established reliability (ER): meets
requirements of MIL-PRF-55182/9
• Load life stability: ± 0.005 % for 2000 h, 0.3 W at + 125 °C
• Temperature coefficient of resistance (TCR): ± 2 ppm/°C max.
(- 55 °C to + 175 °C)
• Resistance tolerance: to ± 0.005 %
• Thermal EMF: < 0.1 µV/°C
• Qualified resistance range: 4.99 Ω to 121 kΩ (RNC90Y)
30.1
Ω to 121 kΩ (RNC90Z)
• Specially conditioned non-QPL resistors available
See data sheet “Improved Performance Tested”
• Fast thermal stabilization
• Rise time: 1 ns without ringing
• Special coatings that provide a cushioning layer which isolates
the resistive element from external stresses and moisture
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Current noise < - 42 dB
• Prototype sample available from 72 h
Notes
1. Qualification and failure rate verification test data is maintained by Vishay Foil and is available upon request. Lot traceability and identification
data is maintained by Vishay Foil for 7 years.
2. Load life
ΔR Maximum can be reduced by 80 % through Enhanced Reliability Testing (ERT). Consult Vishay Applications Engineering for
details.
3. Inductance (L) due mainly to the leads.
4. Not to exceed power rating of resistor.
5. µV/°C relates to EMF due to lead temperature differences and µV/W due to power applied to the resistor.
6. 0.200" (5.08 mm) lead spacing available - specify RNC90T for RNC90Y, and RNC90S for RNC90Z.
TABLE 1 - SPECIFICATIONS COMPARISON
SPECIFICATION
RNC90Y (QUALIFIED)
MIL-PRF-55182/9
CHARACTERISTIC Y LIMITS
RNC90Z (QUALIFIED)
MIL-PRF-55182/9
CHARACTERISTIC Z LIMITS
S555 (NON-QUALIFIED)
VISHAY PERFORMANCE
LIMITS
Z555 (NON-QUALIFIED)
VISHAY PERFORMANCE
LIMITS
Temperature
Coefficient of
Resistance
± 5 ppm/°C
± 2 ppm/°C
± 5 ppm/°C
± 3 ppm/°C ± 2.5 ppm/°C ± 2 ppm/°C
(- 55 °C to + 125 °C)
(- 55 °C to + 175 °C)
(- 55 °C to + 125 °C)
± 10 ppm/°C
(- 55 °C to + 125 °C)
(+ 125 °C to + 175 °C)
Resistance Range
4.99
Ω to 121 kΩ
30.1
Ω to 121 kΩ
1
Ω to 150 kΩ
4.99
Ω to
25
Ω
> 25
Ω to
80
Ω
> 80
Ω
Failure Rate
Level R
Level R
Not specified
Not specified
Load-Life Stability
0.3 W at + 125 °C
at 2000 h
± 0.05 % maximum
ΔR
± 0.05 % maximum
ΔR
± 0.015 % maximum
ΔR2)
± 0.015 % maximum
ΔR2)
at 10 000 h
± 0.5 % maximum
ΔR
± 0.5 % maximum
ΔR
± 0.05 % maximum
ΔR2)
± 0.05 % maximum
ΔR2)
Current Noise
Not specified
Not specified
- 40 dB minimum
- 40 dB minimum
High-Frequency
Operation
Rise Time
Not specified
Not specified
1.0 ns at 1 k
Ω
1.0 ns at 1 k
Ω
Inductance3) (L)
Not specified
Not specified
0.1 µH maximum
0.1 µH maximum
0.08 µH typical
0.08 µH typical
Capacitance (C)
Not specified
Not specified
1.0 pF maximum
1.0 pF maximum
0.5 pF typical
0.5 pF typical
Voltage Coefficient
0.0005 %/V
0.0005 %/V
0.0001 %/V
0.0001 %/V
Working Voltage4)
300 V maximum
300 V maximum
300 V maximum
300 V maximum
Thermal EMF5)
Not specified
Not specified
0.1 µV/°C maximum
0.1 µV/°C maximum
1 µV/W maximum
1 µV/W maximum


Similar Part No. - Y1506100R500TR0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1506100R500TR0L VISHAY-Y1506100R500TR0L Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
Y1506100R500TR0L VISHAY-Y1506100R500TR0L Datasheet
1Mb / 5P
   Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 30-Jul-12
More results

Similar Description - Y1506100R500TR0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNC90Y15K000BR VISHAY-RNC90Y15K000BR Datasheet
1Mb / 5P
   Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 30-Jul-12
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
VHP4Z VISHAY-VHP4Z Datasheet
222Kb / 5P
   Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
Revision: 02-Mar-05
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
1442 VISHAY-1442_05 Datasheet
173Kb / 3P
   Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
1242 VISHAY-1242 Datasheet
118Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, QPL Approved 1/4 Inch Square, Qualified to MIL-PRF-22097, Char. F, RJ26
Revision: 06-Nov-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com