Electronic Components Datasheet Search |
|
PE60FBFLW204MF Datasheet(PDF) 3 Page - Vishay Siliconix |
|
PE60FBFLW204MF Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 5 page PE60 Vishay Sfernice Power Panel Potentiometer www.vishay.com For technical questions, contact: sfer@vishay.com See also: Application notes Document Number: 51005 136 Revision: 05-Jun-08 MARKING Printed: - VISHAY trademark - SAP Part number - manufacturing date PACKAGING - in box of 5 pieces PERFORMANCE TESTS CONDITIONS TYPICAL VALUES AND DRIFTS ΔRT RT (%) ΔR1-2 R1-2 (%) Climatic Sequence Phase A dry heat 125 °C Phase B damp heat Phase C cold - 55 °C Phase D damp heat 5 cycles ± 0.5 % ± 1 % Long Term Damp Heat 56 days ± 0.5 % ± 1 % Insulation resistance: > 104 M Ω Rotational Life 25 000 cycles ± 3 % Contact res. variation: < 5 % Rn Load Life 1000 hours at rated power 90’/30’ - ambient temp. 25 °C ± 3 % Contact res. variation: < 3 % Rn Rapid Temperature Change 5 cycles - 55 °C at + 125 °C ± (0.5 % ± 0.1 Ω) Shock 50 g at 11 ms 3 successive shocks in 3 directions ± 0.1 % ± 0.2 % Vibration 10 - 55 Hz 0.75 mm or 10 g during 6 hours ± 0.1 % ± 0.2 % STANDARD RESISTANCE ELEMENT DATA STANDARD RESISTANCE VALUES LINEAR LAW TYPICAL TCR - 55 °C + 125 °C MAX. POWER AT 25 °C MAX. WORKING VOLTAGE MAX. CUR. THROUGH WIPER Ω WV mA ppm/°C 1 6 2.4 2449 ± 500 2 3.5 1732 5 5.5 1095 10 7.7 775 20 11.0 548 25 12.2 490 50 17.3 346 ± 250 100 24.5 245 200 34.6 173.2 250 38.7 154.9 500 54.8 109.5 1K 77.5 77.5 2K 110 54.8 2.5K 122 49.0 5K 173 34.64 10K 245 24.49 20K 6 346 17.32 25K 4.90 350 14.00 50K 2.45 7.00 100K 1.23 3.50 200K 0.61 1.75 250K 0.49 1.40 500K 0.25 0.70 1M 0.12 350 0.35 |
Similar Part No. - PE60FBFLW204MF |
|
Similar Description - PE60FBFLW204MF |