Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWE-24-15-Q12P-C Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # UWE-24-15-Q12P-C
Description  Wide Input, Isolated Eighth-Brick DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWE-24-15-Q12P-C Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button UWE-24-15-Q12P-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
UWE Series
Wide Input, Isolated
Eighth-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
In critical applications, output ripple/noise (also referred to as periodic and
random deviations or PARD) may be reduced below specified limits using filter-
ing techniques, the simplest of which is the installation of additional external
output capacitors. These output caps function as true filter elements and
should be selected for bulk capacitance, low ESR and appropriate frequency
response. All external capacitors should have appropriate voltage ratings and
be located as close to the converter as possible. Temperature variations for all
relevant parameters should also be taken carefully into consideration.
The most effective combination of external I/O capacitors will be a function
of line voltage and source impedance, as well as particular load and layout
conditions.
In Figure 3, the two copper strips simulate real-world pcb impedances
between the power supply and its load. In order to minimize measurement
errors, scope measurements should be made using BNC connectors, or the
probe ground should be less than ½ inch and soldered directly to the fixture.
Thermal Shutdown
These UWE converters are equipped with thermal-shutdown circuitry. If envi-
ronmental conditions cause the internal temperature of the DC/DC converter to
rise above the designed operating temperature, a precision temperature sensor
will power down the unit. When the internal temperature decreases below the
threshold of the temperature sensor, the unit will self start. See Performance/
Functional Specifications.
Output Overvoltage Protection
UWE output voltages are monitored for an overvoltage condition via magnetic
feedback. The signal is coupled to the primary side and if the output voltage
rises to a level which could be damaging to the load, the sensing circuitry will
power down the PWM controller causing the output voltages to decrease. Fol-
lowing a time-out period the PWM will restart, causing the output voltages to
ramp to their appropriate values. If the fault condition persists, and the output
voltages again climb to excessive levels, the overvoltage circuitry will initiate
another shutdown cycle. This on/off cycling is referred to as "hiccup" mode.
Current Limiting
As soon as the output current increases to substantially above its rated value,
the DC/DC converter will go into a current-limiting mode. In this condition, the
output voltage will decrease proportionately with increases in output current,
thereby maintaining somewhat constant power dissipation. This is commonly
referred to as power limiting. Current limit inception is defined as the point at
which the full-power output voltage falls below the specified tolerance. See
Performance/Functional Specifications. If the load current, being drawn from
the converter, is significant enough, the unit will go into a short circuit condition
as specified under "Performance."
Short Circuit Condition
When a converter is in current-limit mode, the output voltage will drop as
the output current demand increases. If the output voltage drops too low, the
magnetically coupled voltage used to develop primary side voltages will also
drop, thereby shutting down the PWM controller. Following a time-out period,
the PWM will restart causing the output voltages to begin ramping to their
appropriate values. If the short-circuit condition persists, another shutdown
cycle will be initiated. This on/off cycling is referred to as "hiccup" mode. The
hiccup cycling reduces the average output current, thereby preventing internal
temperatures from rising to excessive levels. The UWE is capable of enduring
an indefinite short circuit output condition.
Features and Options
On/Off Control
The input-side, remote On/Off Control function can be ordered to operate with
either polarity:
Floating Outputs
Since these are isolated DC/DC converters, their outputs are "floating" with
respect to their input. Designers will normally use the –Output as the ground/
return of the load circuit. You can, however, use the +Output as ground/return
to effectively reverse the output polarity.
Minimum Output Loading Requirements
UWE converters employ a synchronous-rectifier design topology and all models
regulate within spec and are stable under no-load to full load conditions.
Operation under no-load conditions however might slightly increase the output
ripple and noise.
C1
C1 = 0.47μF CERAMIC
C2 = NA
LOAD 2-3 INCHES (51-76mm) FROM MODULE
C2
RLOAD
COPPER STRIP
COPPER STRIP
SCOPE
+OUTPUT
–OUTPUT
+SENSE
–SENSE
Figure 3. Measuring Output Ripple/Noise (PARD)
MDC_UWE Series.A17 Page 10 of 20


Similar Part No. - UWE-24-15-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE-24/3-Q12 MURATA-PS-UWE-24/3-Q12 Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-24/3-Q12N-C MURATA-PS-UWE-24/3-Q12N-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-24/3-Q12NB-C MURATA-PS-UWE-24/3-Q12NB-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-24/3-Q12P-C MURATA-PS-UWE-24/3-Q12P-C Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
UWE-24/3-Q12P-C MURATA-PS-UWE-24/3-Q12P-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
More results

Similar Description - UWE-24-15-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com