Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWE-24-15-Q12P-C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # UWE-24-15-Q12P-C
Description  Wide Input, Isolated Eighth-Brick DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWE-24-15-Q12P-C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  UWE-24-15-Q12P-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWE-24-15-Q12P-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UWE Series
Wide Input, Isolated
Eighth-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UWE Series.A17 Page 3 of 20
DETAIL SPECIFICATIONS, Q12 MODELS, CONTINUED
INPUT (continued)
UWE-3.3/20-Q12
UWE-5/15-Q12
UWE-12/6-Q12
UWE-15/5-Q12
UWE-24/3-Q12
(Off, UV, OT shutdown)
Internal input filter type
L-C
Reverse polarity protection
Yes
Remote On/Off control
Positive logic ("P" model suffix)
OFF=Ground pin to +0.8V max.
ON=open pin or +3.5 to +15V max.
Negative logic ("N" model suffix)
OFF=open pin or +5V to +15V max.
ON=Ground pin or 0 to +0.8V max.
Current, mA
1
OUTPUT
Voltage output range
See ordering guide
Voltage output accuracy
±1% of Vnom., (50% load)
Adjustment range
-10 to +10% of Vnom.
Temperature coefficient
±0.02% of Vout range per °C
Minimum loading
No minimum load
Remote sense compensation
+10% max.
Ripple/noise (20 MHz bandwidth)
See ordering guide
Line/Load regulation
See ordering guide
Efficiency
See ordering guide
Maximum capacitive loading, μF
low ESR <0.02Ω max., resistive load
10,000
10,000
4,700
4700
1500
Isolation voltage
Input to Output, Volts min. DC
1500
Input to baseplate, Volts min. DC
1500
Baseplate to output, Volts min. DC
750
Isolation resistance, MΩ
100
Isolation capacitance, pF
1500
1000
1000
1000
1000
Isolation safety rating
Basic insulation
Current limit inception (98% of
Vout, after warmup), Amps
27
22.5
8.5
7.25
4.0
Short circuit protection method
Current limiting, hiccup autorestart. Remove overload for recovery.
Short circuit current, Amps
0.5
1.0
1.5
1.5
1.0
Short circuit duration
Continuous, output shorted to ground. No damage.
Overvoltage protection, Volts
(via magnetic feedback)
4.5
6
151829
DYNAMIC CHARACTERISTICS
Dynamic load response, μSec
(50-75-50% load step) to ±1%
of final value
50
Start-up time
Vin to Vout regulated, mSec
20
20
40
30
40
Remote On/Off to Vout regulated, mSec
5
15302530
Switching frequency, KHz
245
±25
215-250
275 ±25
275 ±25
215 ±15


Similar Part No. - UWE-24-15-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE-24/3-Q12 MURATA-PS-UWE-24/3-Q12 Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-24/3-Q12N-C MURATA-PS-UWE-24/3-Q12N-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-24/3-Q12NB-C MURATA-PS-UWE-24/3-Q12NB-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-24/3-Q12P-C MURATA-PS-UWE-24/3-Q12P-C Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
UWE-24/3-Q12P-C MURATA-PS-UWE-24/3-Q12P-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
More results

Similar Description - UWE-24-15-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com