Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCQ-3.3-35-D24PBHCY Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # UCQ-3.3-35-D24PBHCY
Description  Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UCQ-3.3-35-D24PBHCY Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button UCQ-3.3-35-D24PBHCY Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D24PBHCY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D24PBHCY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D24PBHCY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D24PBHCY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D24PBHCY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D24PBHCY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D24PBHCY Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D24PBHCY Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
UCQ-3.3/20-D48 UCQ-3.3/30-D48 UCQ-5/20-D24
UCQ-5/20-D48 UCQ-12/8.3-D48
Isolation Voltage
Input to Output,
Volts min.
2250
Input to baseplate,
Volts min.
1500
Baseplate to output,
Volts min.
1500
Isolation resistance, MΩ
10-100, model dependent
Isolation capacitance, pF
1000
Isolation safety rating
Basic insulation
Current limit inception
(98% of Vout, after
warmup), Amps
24 min.
33 min.
26
22 min.
10
Short circuit protection
method
Current limiting, hiccup autorestart. Remove overload for recovery.
Short circuit current,
Amps
5
Short circuit duration
Continuous, output shorted to ground. No damage.
Overvoltage protection,
Volts (via magnetic
feedback)
4.6 max.
4 max.
6.25
TBD
14.4
Dynamic characteristics
Dynamic load response
(50-75-50% load step)
200 µSec to ±1%
of final value
200 µSec to ±1%
of final value
200 µSec to ±1%
of final value
200 µSec to ±1%
of final value
200 µSec to ±1%
of final value
Start-up time
Vin to Vout regulated,
mSec
50
50 max.
4
10 max.
50
Remote On/Off to Vout
regulated, mSec
50
50 max.
4
10 max.
50
Switching frequency, KHz
330 ± 40
330 ± 40
400 ± 24
315 ± 30
330 ± 40
Environmental
Calculated MTBF
TBD
Operating temperature
range
See Derating curves.
−40 to +85, with derating
Operating case
temperature, °C"
(no derating)
−40 to +110
Storage temperature
range, °C
−55 to +125
Thermal protection/
shutdown, °C
110-125, model dependent
Relative humidity
To +85°C/85%, non-condensing
Performance Specifications and Ordering Guide ➀
Specs are typical unless noted.
Single Output UCQ Models
Low-Profile, Quarter Brick, 8.3-40 Amp
Isolated DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UCQ Models.B07 Page 7 of 16


Similar Part No. - UCQ-3.3-35-D24PBHCY

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UCQ-3.3/20-D48N-C MURATA-UCQ-3.3/20-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-3.3/30-D48N-C MURATA-UCQ-3.3/30-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-3.3/35-D24P-C MURATA-UCQ-3.3/35-D24P-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-3.3/40-D48N-C MURATA-UCQ-3.3/40-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
More results

Similar Description - UCQ-3.3-35-D24PBHCY

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UCQ_SERIES MURATA-UCQ_SERIES Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UVQ_SERIES MURATA-UVQ_SERIES Datasheet
438Kb / 25P
   Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com