Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1206A180 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ1206A180
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1206A180 Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ1206A180 Datasheet HTML 1Page - Vishay Siliconix VJ1206A180 Datasheet HTML 2Page - Vishay Siliconix VJ1206A180 Datasheet HTML 3Page - Vishay Siliconix VJ1206A180 Datasheet HTML 4Page - Vishay Siliconix VJ1206A180 Datasheet HTML 5Page - Vishay Siliconix VJ1206A180 Datasheet HTML 6Page - Vishay Siliconix VJ1206A180 Datasheet HTML 7Page - Vishay Siliconix VJ1206A180 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45047
90
Revision: 20-Aug-08
VJ OMD - C0G (NP0)
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
FEATURES
• Surface mountable. Precious metal technology,
wet build process
• OMD-Cap (Open Mode Design) reduce the risk
of shorts or low IR because of board flex cracks
• High frequency filtering for switching power supplies
• Available with 100 % voltage condition,
process code “5H” is available for 630 V and lower. Contact
mlcc.specials@vishay.com for higher voltages
• Available with polymer termination for increase resistance
to board flex cracking
• Protective surface coating high voltage capacitors maybe
required to prevent surface arcing.
APPLICATIONS
• Input filter capacitors
• Output filter capacitors
• Snubber capacitors reduce MOSFET voltage spikes
• Lighting Ballasts
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise stated.
Protective surface coating of high voltage capacitors maybe
required to prevent surface arcing.
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 10 pF to 47 nF
Voltage Rating: 50 Vdc to 3000 Vdc
Temperature Coefficient of Capacitance (TCC):
C0G: 0 ± 30 ppm/°C from - 55 °C to + 125 °C
Aging Rate: 0 % maximum per decade
Dissipation Factor:
0.1 % max. at 1.0 Vrms and 1 MHz for values ≤ 1000 pF
0.1 % max. at 1.0 Vrms and 1 kHz for values > 1000 pF
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
At + 125 °C and rated voltage 10 000 M
Ω minimum or
100
ΩF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for a
1 to 5 second period and the charge/discharge current does
not exceed 50 mA
≤ 200 Vdc: DWV at 250 % of rated voltage
500 Vdc: DWV at 200 % of rated voltage
630 Vdc: DWV at 150 % of rated voltage
1000 Vdc: DWV at 150 % of rated voltage
1500 Vdc: DWV at 120 % of rated voltage
2000 Vdc: DWV at 120 % of rated voltage
3000 Vdc: DWV at 120 % of rated voltage
RoHS
COMPLIANT


Similar Part No. - VJ1206A180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VJ1206A181KXX TI1-VJ1206A181KXX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
More results

Similar Description - VJ1206A180

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
logo
Johanson Technology Inc...
102R18W101KV4E JOHANSON-102R18W101KV4E Datasheet
1Mb / 36P
   ceramic capacitor solutions
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com