Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCQ-3.3-35-D48NBHCY Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # UCQ-3.3-35-D48NBHCY
Description  Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UCQ-3.3-35-D48NBHCY Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button UCQ-3.3-35-D48NBHCY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D48NBHCY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D48NBHCY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D48NBHCY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D48NBHCY Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D48NBHCY Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D48NBHCY Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D48NBHCY Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. UCQ-3.3-35-D48NBHCY Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
commonly referred to as power limiting. Current limit inception is defined
as the point at which the full-power output voltage falls below the specified
tolerance. See Performance/Functional Specifications. If the load current, being
drawn from the converter, is significant enough, the unit will go into a short
circuit condition as described below.
Short Circuit Condition
When a converter is in current-limit mode, the output voltage will drop as the
output current demand increases. If the output voltage drops too low, the mag-
netically coupled voltage used to develop primary side voltages will also drop,
thereby shutting down the PWM controller. Following a time-out period, the
PWM will restart causing the output voltage to begin ramping to their appropri-
ate value. If the short-circuit condition persists, another shutdown cycle will be
initiated. This on/off cycling is referred to as “hiccup” mode. The hiccup cycling
reduces the average output current, thereby preventing internal temperatures
from rising to excessive levels. The UCQ Series is capable of enduring an
indefinite short circuit output condition.
Remote Sense
Note: The Sense and VOUT lines are internally connected through low-value
resistors. Nevertheless, if the sense function is not used for remote regulation
the user should connect the +Sense to +VOUT and –Sense to –VOUT at the DC/
DC converter pins. UCQ series converters employ a sense feature to provide
point of use regulation, thereby overcoming moderate IR drops in PCB conduc-
tors or cabling. The remote sense lines carry very little current and therefore
require minimal cross-sectional-area conductors. The sense lines, which are
capacitively coupled to their respective output lines, are used by the feedback
control-loop to regulate the output. As such, they are not low impedance points
and must be treated with care in layouts and cabling. Sense lines on a PCB
should be run adjacent to dc signals, preferably ground.
[VOUT(+)-VOUT(–)] – [Sense(+)-Sense(–)]
≤ 10%VOUT
In Figure 3, the two copper strips simulate real-world PCB impedances
between the power supply and its load. In order to minimize measurement
errors, scope measurements should be made using BNC connectors, or the
probe ground should be less than ½ inch and soldered directly to the fixture.
Figure 3. Measuring Output Ripple/Noise (PARD)
Floating Outputs
Since these are isolated DC/DC converters, their outputs are “floating” with
respect to their input. Designers will normally use the –Output (pin 4) as the
ground/return of the load circuit. You can however, use the +Output (pin 8) as
ground/return to effectively reverse the output polarity.
Minimum Output Loading Requirements
UCQ converters employ a synchronous-rectifier design topology and all models
regulate within spec and are stable under no-load to full load conditions.
Operation under no-load conditions however might slightly increase the output
ripple and noise.
Thermal Shutdown
The UCQ converters are equipped with thermal-shutdown circuitry. If environ-
mental conditions cause the temperature of the DC/DC converter to rise above
the designed operating temperature, a precision temperature sensor will power
down the unit. When the internal temperature decreases below the threshold
of the temperature sensor, the unit will self start. See Performance/Functional
Specifications.
Output Over-Voltage Protection
The UCQ output voltage is monitored for an over-voltage condition using a com-
parator. The signal is optically coupled to the primary side and if the output volt-
age rises to a level which could be damaging to the load, the sensing circuitry
will power down the PWM controller causing the output voltage to decrease.
Following a time-out period the PWM will restart, causing the output voltage
to ramp to its appropriate value. If the fault condition persists, and the output
voltage again climbs to excessive levels, the over-voltage circuitry will initiate
another shutdown cycle. This on/off cycling is referred to as “hiccup” mode.
Current Limiting
As soon as the output current increases to approximately 130% of its rated
value, the DC/DC converter will go into a current-limiting mode. In this condi-
tion, the output voltage will decrease proportionately with increases in output
current, thereby maintaining somewhat constant power dissipation. This is
C1
C1 = 1µF CERAMIC
C2 = 10µF TANTALUM
LOAD 2-3 INCHES (51-76mm) FROM MODULE
C2
RLOAD
7
8
COPPER STRIP
4
5
COPPER STRIP
SCOPE
+OUTPUT
–OUTPUT
+SENSE
–SENSE
Figure 4. Remote Sense Circuit Configuration
In cables and discrete wiring applications, twisted pair or other techniques
should be used. Output over-voltage protection is monitored at the output volt-
age pin, not the Sense pin. Therefore, excessive voltage differences between
VOUT and Sense in conjunction with trim adjustment of the output voltage can
Single Output UCQ Models
Low-Profile, Quarter Brick, 8.3-40 Amp
Isolated DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UCQ Models.B07 Page 10 of 16


Similar Part No. - UCQ-3.3-35-D48NBHCY

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UCQ-3.3/20-D48N-C MURATA-UCQ-3.3/20-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-3.3/30-D48N-C MURATA-UCQ-3.3/30-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-3.3/35-D24P-C MURATA-UCQ-3.3/35-D24P-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-3.3/40-D48N-C MURATA-UCQ-3.3/40-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
More results

Similar Description - UCQ-3.3-35-D48NBHCY

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UCQ_SERIES MURATA-UCQ_SERIES Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UVQ_SERIES MURATA-UVQ_SERIES Datasheet
438Kb / 25P
   Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com