Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROT156BF4AU502E1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ROT156BF4AU502E1
Description  Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ROT156BF4AU502E1 Datasheet(HTML) 3 Page - Vishay Siliconix

  ROT156BF4AU502E1 Datasheet HTML 1Page - Vishay Siliconix ROT156BF4AU502E1 Datasheet HTML 2Page - Vishay Siliconix ROT156BF4AU502E1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - ROT156BF4AU502E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT156BF1CT502E1 VISHAY-ROT156BF1CT502E1 Datasheet
354Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
01-Jan-2022
More results

Similar Description - ROT156BF4AU502E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
01-Jan-2022
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
Revision: 22-Mar-07
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
01-Jan-2022
ECO VISHAY-ECO Datasheet
566Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
Revision: 07-Sep-07
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ECS VISHAY-ECS Datasheet
319Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
Revision: 24-May-07
ECO VISHAY-ECO_V01 Datasheet
132Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)s
01-Jan-2022
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
Revision: 17-Sep-12
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 3000 mm
Revision: 26-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com