Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTF365BX Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VTF365BX
Description  Conformal, Single In-Line Resistor Networks (Standard)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTF365BX Datasheet(HTML) 7 Page - Vishay Siliconix

  VTF365BX Datasheet HTML 1Page - Vishay Siliconix VTF365BX Datasheet HTML 2Page - Vishay Siliconix VTF365BX Datasheet HTML 3Page - Vishay Siliconix VTF365BX Datasheet HTML 4Page - Vishay Siliconix VTF365BX Datasheet HTML 5Page - Vishay Siliconix VTF365BX Datasheet HTML 6Page - Vishay Siliconix VTF365BX Datasheet HTML 7Page - Vishay Siliconix VTF365BX Datasheet HTML 8Page - Vishay Siliconix VTF365BX Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VTF (Standard)
Vishay Thin Film
Conformal, Single In-Line Resistor Networks (Standard)
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60038
80
Revision: 05-Mar-08
DIMENSIONS AND IMPRINTING in inches and millimeters
NOTE: “L” and “H” (length and height) dimensions for each model
are found alongside the schematic drawing.
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
TCR*:
Tracking
± 2 ppm/°C
0 °C to + 70 °C
Absolute
± 10 ppm/°C
0 °C to + 70 °C
Tolerance:
Ratio
± 0.02 %
+ 25 °C
Absolute
± 0.1 %
+ 25 °C
Stability:
ΔR Ratio
≤ 0.01 %
2000 h at + 70 °C
Voltage Coefficient
± 0.01 ppm/V
Working Voltage
100 V
Operating Temperature Range
0 °C to + 70 °C
Storage Temperature Range
- 55 °C to + 125 °C
Noise
- 35 dB
Thermal EMF
< 0.1 µV/°C
Shelf Life Stability:
Absolute
100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C
Part Number
Date Code
Pin #1
VISHAY
logo
B
C
D
A
H
L
F
E
DIMENSION
INCHES
MM
A
0.125 (min.)
3.17
B
0.010 (min.)
0.25
C
0.100
2.54 typ.
D
0.020 typ.
0.51
E
0.100 max.
2.54
F
0.010 typ.
0.25
MECHANICAL SPECIFICATIONS
Resistive Material
Passivated nichrome
Substrate Material
Alumina
Body
Epoxy coated
Terminals
Copper
Plating
Sn 60
Marking Resistance to Solvents
Per MIL-PRF-83401
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Lead (Pb)-free Finish
Hot solder dip


Similar Part No. - VTF365BX

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VTF30-28 ASI-VTF30-28 Datasheet
39Kb / 2P
   VHF POWER MOSFET N-Channel Enhancement Mode
More results

Similar Description - VTF365BX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com