Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMKMS81610RBPT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RMKMS81610RBPT
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMKMS81610RBPT Datasheet(HTML) 2 Page - Vishay Siliconix

  RMKMS81610RBPT Datasheet HTML 1Page - Vishay Siliconix RMKMS81610RBPT Datasheet HTML 2Page - Vishay Siliconix RMKMS81610RBPT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RMKMS (CNM)
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Vishay Sfernice
Document Number: 60004
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 02-May-07
81
DIMENSIONS AND IMPRINTING
DERATING CURVE
MECHANICAL SPECIFICATIONS
Mechanical protection
Epoxy molded assembly
Terminal leads
100 % tin
Resistive element
Passivated Nichrome
Unit weight:
Case S08
0.070 g
Cases S014, S016
0.146 g
MARKING
TOLERANCE CODING
AB
D
F
X
0.1 %
0.1 %
0.5 %
1 %
0.1 %
0.05 %
0.1 %
0.1 %
0.5 %
0.02 % (on request only)
Imprinting:
VISHAY logo, series, ohmic value,
tolerance, manufacturing date
C
D
A
F
E
G
H
I
J
K
B
DIMENSION
INCHES
MILLIMETERS
A
0.05
Pitch 1.27
B
0.025
0.63 maximum
C (S08)
0.232/0.244
5.9/6.2
C (S14)
0.232/0.244
5.9/6.2
C (S16)
0.248/0.260
6.3/6.6
D (S08)
0.187/0.195
4.75/4.95
D (S14)
0.337/0.344
8.55/8.75
D (S16)
0.386/0.394
9.8/10
E
0.014/0.018
0.35/0.45
F (S08)
0.154/0.157
3.9/4
F (S14)
0.154/0.157
3.9/4
F (S16)
0.154/0.157
3.9/4
G
0.007/0.010
0.185/0.265
H, J
0.015
0.40
I
0.004/0.007
0.1/0.2
K
0.070 maximum
1.75 maximum
070
20
40
60
80
100
125
0
0.1
0.2
0.3
0.4
0.5
Temperature in °C
110
0.25
Case SO8
Case SO14 and SO16
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RMKMS40810KFDT30 (preferred part number format)
GLOBAL MODEL
VALUE
ABS. TOLERANCE
RATIO TOLERANCE
PACKAGING
OPTION
RMKMS408
RMKMS508
RMKMS816
RMKMS714
RMKMS914
Decimal:
R or K
B = 0.1 %
D = 0.5 %
F = 1.0 %
B = 0.1 %
W = 0.05 %
P = 0.02 %
L = 0.01 %
T = Tape
blank = Tube
Leave blank
if no option
Custom Design: CNM 1138
CNM
1138
GLOBAL MODEL
REFERENCE
Historical Part Number example: RMKMS 408 10K 1 % abs 0.5 % ratio T R0030 (will continue to be accepted)
RMKMS 408
10K
1 % abs 0.5 % ratio
T
R0030
HISTORICAL MODEL
VALUE
ABS. TOLERANCE AND
RATIO TOLERANCE
PACKAGING
OPTION
T = Tape
blank = Tube
Leave blank
if no option
MS
4
0
8
10
K
F
K
D0
M
R
T
3


Similar Part No. - RMKMS81610RBPT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKMS81610RBPT VISHAY-RMKMS81610RBPT Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
More results

Similar Description - RMKMS81610RBPT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
WOMC VISHAY-WOMC_08 Datasheet
249Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 15-May-07
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com