Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WOMC1XX-XXXT5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WOMC1XX-XXXT5
Description  Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WOMC1XX-XXXT5 Datasheet(HTML) 1 Page - Vishay Siliconix

  WOMC1XX-XXXT5 Datasheet HTML 1Page - Vishay Siliconix WOMC1XX-XXXT5 Datasheet HTML 2Page - Vishay Siliconix WOMC1XX-XXXT5 Datasheet HTML 3Page - Vishay Siliconix WOMC1XX-XXXT5 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WOMC
Vishay Thin Film
Document Number: 60010
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 15-May-07
31
Molded, 50 Mil Pitch, Dual In-Line
Resistor Networks, Wide Body
The WOMC series features a standard 16 and 20 pin wide
body (0.30") small outline surface mount style that can
accommodate
resistor
networks
to
your
particular
application requirements. The networks can be constructed
with Passivated Nichrome, or Tantalum Nitride resistor films
to optimize performance.
FEATURES
• Lead (Pb)-free available
• Standard 16 and 20 Pin Counts
(0.300" Wide Body) JEDEC MS-013
• Rugged, molded case construction
• High stable thin film element
(500 ppm at + 70 °C, 10 000 hours)
• Leads copper alloy, solderable
TYPICAL PERFORMANCE
SCHEMATIC
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
20 Pin
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
0.05
Available
Pb-free
RoHS*
COMPLIANT
Custom schematics available
Please consult factory
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Pin Number
16, 20
Resistance Range
100
Ω to 500 kΩ total
TCR:
Tracking
± 5 ppm/°C typical
- 55 °C to + 125 °C
Absolute
± 50 ppm/°C to 25 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.1 % to ± 0.05 %
+ 25 °C
Absolute
± 1.0 % to ± 0.1 %
+ 25 °C
Power Rating:
Resistor
50 mW per element
Max. at + 70 °C
Package
500 mW; 1.0 W
Max. at + 70 °C
Stability:
ΔR Absolute
500 ppm
2000 h at + 70 °C
ΔR Ratio
150 ppm
2000 h at + 70 °C
Voltage Coefficient
0.1 ppm/V
Working Voltage
50 V
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
< - 30 dB
Thermal EMF
0.08 µV/°C
Shelf Life Stability:
Absolute
100 ppm
1 year ratio at + 25 °C
Ratio
< 20 ppm
1 year ratio at + 25 °C


Similar Part No. - WOMC1XX-XXXT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WOMC1XX-XXXT5 VISHAY-WOMC1XX-XXXT5 Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
More results

Similar Description - WOMC1XX-XXXT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com