Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE3A112 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HE3A112
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HE3A112 Datasheet(HTML) 1 Page - Vishay Siliconix

  HE3A112 Datasheet HTML 1Page - Vishay Siliconix HE3A112 Datasheet HTML 2Page - Vishay Siliconix HE3A112 Datasheet HTML 3Page - Vishay Siliconix HE3A112 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HE3
Vishay
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 42089
100
Revision: 30-Jun-08
Wet Tantalum Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal
for - 55 °C to + 125 °C Operation
FEATURES
Vishay HE3 represents a major breakthrough in
wet tantalum capacitor technology for high-energy
applications. The unique case design provides for
the highest capacitance per unit volume. The HE3
also utilizes the proven hybrid technology of our
SuperTan® product.
The HE3 is housed in an all tantalum, hermetically sealed
case, and is manufactured to withstand high stress and
hazardous environments. The design provides a unique
double seal for improved reliability and performance.
PERFORMANCE CHARACTERISTICS
Operating Temperature:
- 55 °C to + 85 °C (to + 125 °C with voltage derating)
Capacitance Tolerance:
At 120 Hz, + 25 °C ± 20 % standard
± 10 % available as special
Contact Marketing for Availability of 10 % Tolerance
DC Leakage Current (DCL Max.):
At + 25 °C: Leakage current shall not exceed the values
listed in the Standard Ratings tables.
Life Test:
Capacitors are capable of withstanding a 1000 h life test at a
temperature of + 85 °C at the applicable rated DC working
voltage.
Note
(1) Contact marketing for availability of 10 % tolerance
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
HE3
C
543
K
025
B
Z
S
S
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT + 85 °C
TERMINATION
AND PACKAGING
RELIABILITY
LEVEL
TEMPERATURE
ESR
See Ratings
and Case
Code Table
This is expressed in
microfarads. The
first two digits are
the significant
figures. The third is
the number of zeros
to follow.
K = 10 % (1)
M = 20 %
This is expressed in V.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V)
A = 100 % Tin
(RoHS compliant)
B = Tin/lead
and bulk
Z = Non-ER
S = Standard
(- 55 °C to + 85 °C)
S =
Standard


Similar Part No. - HE3A112

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HE3 VISHAY-HE3 Datasheet
115Kb / 6P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
logo
High Voltage Power Solu...
HE300 HVPSI-HE300 Datasheet
57Kb / 2P
   SECONDARY SURGE "LIGHTNING" ARRESTER
logo
SHANTOU HUASHAN ELECTRO...
HE3055 HUASHAN-HE3055 Datasheet
95Kb / 1P
   NPN SILICON TRANSISTOR
logo
BOWEI Integrated Circui...
HE311 BOWEI-HE311 Datasheet
109Kb / 1P
   Broadband Amplifier
HE312 BOWEI-HE312 Datasheet
107Kb / 1P
   Broadband Amplifier
More results

Similar Description - HE3A112

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com