Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD251 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILD251
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD251 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILD251 Datasheet HTML 1Page - Vishay Siliconix ILD251 Datasheet HTML 2Page - Vishay Siliconix ILD251 Datasheet HTML 3Page - Vishay Siliconix ILD251 Datasheet HTML 4Page - Vishay Siliconix ILD251 Datasheet HTML 5Page - Vishay Siliconix ILD251 Datasheet HTML 6Page - Vishay Siliconix ILD251 Datasheet HTML 7Page - Vishay Siliconix ILD251 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83618
336
Rev. 1.4, 09-May-08
IL250/251/252/ILD250/251/252
Vishay Semiconductors
Optocoupler, Phototransistor Output,
AC Input, with Base Connection
Note
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
30
V
Emitter base breakdown voltage
BVEBO
5.0
V
Collector base breakdown voltage
BVCBO
70
V
Power dissipation single channel
Pdiss
200
mW
Power dissipation dual channel
Pdiss
150
mW
Derate linearly from 25 °C single channel
2.6
mW/°C
Derate linearly from 25 °C dual channel
2.0
mW/°C
COUPLER
Isolation test voltage (between emitter
and detector referred to standard climate 23 °C/
50 % RH, DIN 50014)
VISO
5300
VRMS
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
Total dissipation single channel
Ptot
250
mW
Total dissipation dual channel
Ptot
400
mW
Derate linearly from 25 °C single channel
3.3
mW/°C
Derate linearly from 25 °C dual channel
5.3
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 10 mA
VF
1.2
1.5
V
OUTPUT
Collector emitter breakdown voltage
IC = 1.0 mA
BVCEO
30
50
V
Emitter base breakdown voltage
IE = 100 µA
BVEBO
7.0
10
V
Collector base breakdown voltage
IC = 10 µA
BVCBO
70
90
V
Collector emitter leakage current
VCE = 10 V
ICEO
5.0
50
nA
COUPLER
Collector emitter saturation voltage
IF = ± 16 mA, IC = 2.0 mA
VCEsat
0.4
V


Similar Part No. - ILD251

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD251 SIEMENS-ILD251 Datasheet
76Kb / 3P
   BIDIRECTIONAL INPUT OPTOCOUPLER
More results

Similar Description - ILD251

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.8, 08-Jan-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input with Base Connection
Rev. 1.7, 23-Feb-11
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL250 VISHAY-IL250_V01 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.6, 08-May-08
IL250 VISHAY-IL250_V02 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
   Optocoupler, Phototransistor Output, AC Input, With Base Connection
Rev. 1.4, 22-Apr-04
H11AA1 VISHAY-H11AA1_V02 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com