Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL300-EF-X007 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # IL300-EF-X007
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300-EF-X007 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button IL300-EF-X007 Datasheet HTML 7Page - Vishay Siliconix IL300-EF-X007 Datasheet HTML 8Page - Vishay Siliconix IL300-EF-X007 Datasheet HTML 9Page - Vishay Siliconix IL300-EF-X007 Datasheet HTML 10Page - Vishay Siliconix IL300-EF-X007 Datasheet HTML 11Page - Vishay Siliconix IL300-EF-X007 Datasheet HTML 12Page - Vishay Siliconix IL300-EF-X007 Datasheet HTML 13Page - Vishay Siliconix IL300-EF-X007 Datasheet HTML 14Page - Vishay Siliconix IL300-EF-X007 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
VISHAY
IL300
Document Number 83622
Rev. 1.5, 24-Mar-05
Vishay Semiconductors
www.vishay.com
11
The last step in the design is selecting the LED cur-
rent limiting resistor (R4). The output of the opera-
tional amplifier is targeted to be 50 % of the VCC, or
2.5 V. With an LED quiescent current of 12 mA the
typical LED (VF) is 1.3 V. Given this and the opera-
tional output voltage, R4 can be calculated.
The circuit was constructed with an LM201 differential
operational amplifier using the resistors selected. The
amplifier was compensated with a 100 pF capacitor
connected between pins 1 and 8.
The DC transfer characteristics are shown in Figure
19. The amplifier was designed to have a gain of 0.6
and was measured to be 0.6036. Greater accuracy
can be achieved by adding a balancing circuit, and
potentiometer in the input divider, or at R5. The circuit
shows exceptionally good gain linearity with an RMS
error of only 0.0133 % over the input voltage range of
4.0 V - 6.0 V in a servo mode; see Figure 20.
The AC characteristics are also quite impressive
offering a - 3.0 dB bandwidth of 100 kHz, with a -45 °
phase shift at 80 kHz as shown in Figure 21.
The same procedure can be used to design isolation
amplifiers that accept bipolar signals referenced to
ground. These amplifiers circuit configurations are
shown in Figure 22. In order for the amplifier to
respond to a signal that swings above and below
ground, the LED must be pre biased from a separate
source by using a voltage reference source (Vref1). In
these designs, R3 can be determined by the following
equation.
Figure 19. Transfer Gain
Vopamp -VF
I
Fq
=
2.5 V - 1.3 V
12 mA
= 100
R4 =
17096
iil300_19
6.0
5.5
5.0
4.5
4.0
2.25
2.50
2.75
3.00
3.25
3.50
3.75
Vout = 14.4 mV + 0.6036 x Vin
LM 201 Ta = 25°C
Figure 20. Linearity Error vs. Input Voltage
Figure 21. Amplitude and Phase Power Supply Control
iil300_20
6.0
5.5
5.0
4.5
4.0
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
Vin - Input Voltage - V
LM201
iil300_21
dB
PHASE
10 3
10 4
10 5
10 6
2
0
-2
-4
-6
-8
45
0
-45
-90
-135
-180
F - Frequency - Hz
R3 =
Vref1
IP1
=
Vref1
K1IFq
17098


Similar Part No. - IL300-EF-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL300-EF-X007 VISHAY-IL300-EF-X007 Datasheet
196Kb / 15P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.4, 26-Oct-04
More results

Similar Description - IL300-EF-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL300 VISHAY-IL300 Datasheet
196Kb / 15P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.4, 26-Oct-04
IL300-F-X009T VISHAY-IL300-F-X009T Datasheet
192Kb / 11P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.8, 02-Jun-14
IL300-EF-X016 VISHAY-IL300-EF-X016 Datasheet
192Kb / 11P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.7, 23-Sep-11
logo
Harris Corporation
HA-4622 HARRIS-HA-4622 Datasheet
1Mb / 5P
   wide gain bandwidth product
logo
Skyworks Solutions Inc.
OLS303 SKYWORKS-OLS303 Datasheet
283Kb / 6P
   Hermetic Surface Mount Wide Bandwidth Optocoupler
June 19, 2017
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
   Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
   Wide Bandwidth - 65MHz at Gain of -1
logo
RF Micro Devices
RF3865 RFMD-RF3865 Datasheet
151Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com