Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD615-4 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # ILD615-4
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD615-4 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button ILD615-4 Datasheet HTML 5Page - Vishay Siliconix ILD615-4 Datasheet HTML 6Page - Vishay Siliconix ILD615-4 Datasheet HTML 7Page - Vishay Siliconix ILD615-4 Datasheet HTML 8Page - Vishay Siliconix ILD615-4 Datasheet HTML 9Page - Vishay Siliconix ILD615-4 Datasheet HTML 10Page - Vishay Siliconix ILD615-4 Datasheet HTML 11Page - Vishay Siliconix ILD615-4 Datasheet HTML 12Page - Vishay Siliconix ILD615-4 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 83652
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
9
ILD615/ILQ615
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Vishay Semiconductors
Fig. 15 - Collector Emitter Current vs. Temperature and LED Current
Fig. 16 - Collector Emitter Leakage vs. Temperature
Fig. 17 - -1, Propagation Delay vs. Collector Load Resistor
Fig. 18 - -2, -3, Propagation Delay vs. Collector Load Resistor
Fig. 19 - -4, Propagation Delay vs. Collector Load Resistor
iild615_15
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
85 °C
IF - LED Current (mA)
25 °C
40
iild615_16
100
80
60
40
20
0
- 20
10
10
10
10
10
10
10
10
- 2
- 1
0
1
2
3
4
5
Tamb - Ambient Temperature (°C)
V
ce = 10 V
Typical
iild615_17
R L - Load Resistor (kΩ)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
4.0
tpLH
tpHL
IF = 10 mA
VCC = 5 V, Vth = 1.5 V
2.5
3.0
3.5
iild615_18
R L - Collector Load Resistor (kΩ)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
IF = 10 mA
VCC = 5 V, Vth = 1.5 V
iild615_19
RL - Collector Load Resistor (kΩ)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
IF = 10 mA
VCC = 5 V, Vth = 1.5 V


Similar Part No. - ILD615-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD615-4 SIEMENS-ILD615-4 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILD615-4 VISHAY-ILD615-4 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
ILD615-4 VISHAY-ILD615-4 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD615-4X001 VISHAY-ILD615-4X001 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD615-4X006 VISHAY-ILD615-4X006 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILD615-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com