Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE60MEGRW204MF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PE60MEGRW204MF
Description  Power Panel Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE60MEGRW204MF Datasheet(HTML) 4 Page - Vishay Siliconix

  PE60MEGRW204MF Datasheet HTML 1Page - Vishay Siliconix PE60MEGRW204MF Datasheet HTML 2Page - Vishay Siliconix PE60MEGRW204MF Datasheet HTML 3Page - Vishay Siliconix PE60MEGRW204MF Datasheet HTML 4Page - Vishay Siliconix PE60MEGRW204MF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PE60
Power Panel Potentiometer
Vishay Sfernice
Document Number: 51005
For technical questions, contact: sfer@vishay.com
See also: Application notes
www.vishay.com
Revision: 05-Jun-08
137
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
BUSHING
OPTION
SHAFT
LEADS
OHMIC
VALUE
TOLERANCE
LAW
SPECIAL
NUMBER
M = Panel
sealed
L = STD
F = 3/8"
0 = none
For L Bushing
D = DBAN
L = LPRP
B = DBAN
and LPRP
For F Bushing
L = LPRP
For M Bushing
E = Peg
For L Bushing
FG 16 mm, slotted
FL 25 mm, slotted
FR 50 mm, plain
For F Bushing
GB 1/2", slotted
GJ 7/8", slotted
GR 2", slotted
For M Bushing
FD = 13 mm, slotted
FJ = 22 mm, slotted
FP = 47 mm, plain
W: Wire
204 =
200 k
Ω
± 20 %
on request
± 10 %
± 5 %
A = Linear
L = clockwise
logarithmic
F = clockwise
inverse
logarithmic
(if applicable)
Given by
VISHAY
for custom
design
PART NUMBER DESCRIPTION (for information only)
PE60
L
0
FG
W
200 k
Ω
20 %
ABO5
e4
MODEL
BUSHING
OPTION
SHAFT
LEADS
OHMIC
VALUE
TOL
LAW
PACKAGING
SPECIAL
SPECIAL
LEAD
(Pb)-FREE
L0F
G
W
2
0
M
6
P
0
E
4A


Similar Part No. - PE60MEGRW204MF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60MEFDW204MA VISHAY-PE60MEFDW204MA Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFDW204MF VISHAY-PE60MEFDW204MF Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFDW204ML VISHAY-PE60MEFDW204ML Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFJW204MA VISHAY-PE60MEFJW204MA Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFJW204MF VISHAY-PE60MEFJW204MF Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
More results

Similar Description - PE60MEGRW204MF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P09X TTELEC-P09X Datasheet
976Kb / 6P
   Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
logo
TT Electronics.
P090 TTELEC-P090 Datasheet
546Kb / 3P
   Panel Potentiometer
P08X TTELEC-P08X Datasheet
1Mb / 7P
   Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
   Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
   Power Panel 6 W Potentiometer
01-Jan-2022
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
09VR CTS-09VR Datasheet
1Mb / 7P
   9mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
   14mm Panel Potentiometer
12VR CTS-12VR Datasheet
847Kb / 7P
   12mm Panel Potentiometer w/Illuminated Shaft
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com