Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIY1-VY1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EMIY1-VY1
Description  Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EMIY1-VY1 Datasheet(HTML) 3 Page - Vishay Siliconix

  EMIY1-VY1 Datasheet HTML 1Page - Vishay Siliconix EMIY1-VY1 Datasheet HTML 2Page - Vishay Siliconix EMIY1-VY1 Datasheet HTML 3Page - Vishay Siliconix EMIY1-VY1 Datasheet HTML 4Page - Vishay Siliconix EMIY1-VY1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMI/RFI Y1-VY1
Ceramic Disc Capacitors
Safety Standard Approved Disc Capacitors
Vishay BCcomponents
Document Number: 28537
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 14-Mar-08
84
STANDARD RECOGNITION
IEC 60384 - 14/2nd Issue (1993) incl. Am.1 (1995) - Safety Tests
EN 132 400 (1994) - Safety Tests
UL 1414 - Across-the-line, antenna-coupling and line-by-pass component
CSA C22.2 - Across-the-line, line to ground and antenna isolation capacitor
CCC - Chinese Safety Standard is available on request
MARKING: 2 SIDES (EXAMPLE)
LABEL (EXAMPLE)
A
detail A
D0
F
L
P1
P2
P0
t1
t
T
D
P
Δp
Ø d
F
W1
W2
W0 W
H0
H1
e
Fig. 2 Lead spacing 10 mm, sprocket hole pitch 25.04 mm for lead spacing
Δp
Δh
Δh
VY1 472 M
Y1 500 ~
X1 760 ~
xxxx
250 ~
10
4 digit date code (year/week)


Similar Part No. - EMIY1-VY1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY2-DN VISHAY-EMIY2-DN Datasheet
289Kb / 5P
   Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Revision: 12-Dec-06
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
More results

Similar Description - EMIY1-VY1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
logo
Panasonic Semiconductor
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com