Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTF1109BX Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VTF1109BX
Description  Conformal, Single In-Line Resistor Networks (Standard)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTF1109BX Datasheet(HTML) 4 Page - Vishay Siliconix

  VTF1109BX Datasheet HTML 1Page - Vishay Siliconix VTF1109BX Datasheet HTML 2Page - Vishay Siliconix VTF1109BX Datasheet HTML 3Page - Vishay Siliconix VTF1109BX Datasheet HTML 4Page - Vishay Siliconix VTF1109BX Datasheet HTML 5Page - Vishay Siliconix VTF1109BX Datasheet HTML 6Page - Vishay Siliconix VTF1109BX Datasheet HTML 7Page - Vishay Siliconix VTF1109BX Datasheet HTML 8Page - Vishay Siliconix VTF1109BX Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VTF (Standard)
Conformal, Single In-Line Resistor Networks (Standard)
Vishay Thin Film
Document Number: 60038
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 05-Mar-08
77
DIVIDER NETWORK 5:1
Lead (Pb)-free option add “S” after part number, e.g: VTF1007SBX
DIVIDER NETWORK 10:1
Lead (Pb)-free option add “S” after part number, e.g: VTF220SBX
DIVIDER NETWORK 10:1
Lead (Pb)-free option add “S” after part number, e.g: VTF328SBX
DIVIDER NETWORK 20:1
Lead (Pb)-free option add “S” after part number, e.g: VTF1073SBX
DIVIDER NETWORK 100:1
Lead (Pb)-free option add “S” after part number, e.g: VTF1109SBX
R1 = 10K, 100K
R1
——
= 5
R2
L = Total Length = 0.620" (15.75 mm) Max.
H = Seated Height = 0.280" (7.11 mm) Max.
Actual Size
12
3
R1
R2
45
6
R2
R1
ORDERING INFORMATION
R1 = 10K:
VTF1007BX
100K:
VTF1008BX
R1 = 10K
R2
——
= 10
R1
12
3
R1
R2
45
6
R1
R2
L = Total Length = 0.620" (15.75 mm) Max.
H = Seated Height = 0.280" (7.11 mm) Max.
Actual Size
ORDERING INFORMATION
R1 = 10K:
VTF220BX
R1 = 10K, 100K, 1M
R1
——
= 10
R2
L = Total Length = 0.620" (15.75 mm) Max.
H = Seated Height = 0.280" (7.11 mm) Max.
Except PN 285 Seated Height = 0.320" (8.13 mm) Max.
Actual Size
12
3
R1
R2
45
6
R2
R1
ORDERING INFORMATION
R1 = 10K:
VTF328BX
100K:
VTF284BX
1M:
VTF285BX
R1 = 10K, 50K, 200K, 1M
R1
——
= 20
R2
L = Total Length = 0.620" (15.75 mm) Max.
H = Seated Height = 0.280" (7.11 mm) Max.
Actual Size
12
3
R1
R2
45
6
R2
R1
ORDERING INFORMATION
R1 = 10K:
VTF1073BX
50K:
VTF1074BX
200K:
VTF1107BX
1M:
VTF1108BX
R1 = 1M
R1
——
= 100
R2
Actual Size
12
3
R1
R2
45
6
R2
R1
ORDERING INFORMATION
R1 = 1M:
VTF1109BX


Similar Part No. - VTF1109BX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VTF100-267ABX VISHAY-VTF100-267ABX Datasheet
227Kb / 3P
   Decade Divider, Single In-Line Network
Revision: 03-Aug-07
VTF100-267AUF VISHAY-VTF100-267AUF Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
VTF100-267BBX VISHAY-VTF100-267BBX Datasheet
227Kb / 3P
   Decade Divider, Single In-Line Network
Revision: 03-Aug-07
VTF100-267BUF VISHAY-VTF100-267BUF Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
VTF100-267QBX VISHAY-VTF100-267QBX Datasheet
227Kb / 3P
   Decade Divider, Single In-Line Network
Revision: 03-Aug-07
More results

Similar Description - VTF1109BX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com