Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY2220K29U2JS6V5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VY2220K29U2JS6V5
Description  Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY2220K29U2JS6V5 Datasheet(HTML) 2 Page - Vishay Siliconix

  VY2220K29U2JS6V5 Datasheet HTML 1Page - Vishay Siliconix VY2220K29U2JS6V5 Datasheet HTML 2Page - Vishay Siliconix VY2220K29U2JS6V5 Datasheet HTML 3Page - Vishay Siliconix VY2220K29U2JS6V5 Datasheet HTML 4Page - Vishay Siliconix VY2220K29U2JS6V5 Datasheet HTML 5Page - Vishay Siliconix VY2220K29U2JS6V5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions contact: CDC@vishay.com
Document Number: 28535
84
Revision: 12-Oct-07
EMI/RFI Y2-VY2
Vishay BCcomponents
Ceramic Disc Capacitors
Safety Standard Approved Disc Capacitor
ORDERING INFORMATION
C
(pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
Dmax
(mm)
BODY
THICK
Tmax
(mm)
LEAD
SPACING
F
(mm)
COATING
EXTENSION
emax (4)
(mm)
CLEAR TEXT CODE
15th DIGIT*:
T = REEL; U = AMMO;
3=BULK (2)
VY2 FOR LEADSPACING 5.0 mm
2200 VAC, 50 Hz, 2 SECONDS
10
± 10
U2J (N750)
7.5
5.0
5.0
3.0
VY2100K29U2JS6*V5
15
VY2150K29U2JS6*V5
22
VY2220K29U2JS6*V5
33
VY2330K29U2JS6*V5
47
VY2470K29U2JS6*V5
68
Y5S (2C3)
VY2680K29Y5SS6*V5
100
VY2101K29Y5SS6*V5
150
VY2151K29Y5SS6*V5
220
VY2221K29Y5SS6*V5
330
VY2331K29Y5SS6*V5
470
VY2471K29Y5SS6*V5
680
± 20
Y5U (2E3)
VY2681M29Y5US6*V5
1000
VY2102M29Y5US6*V5
1500
8.0
VY2152M31Y5US6*V5
2200
9.0
VY2222M35Y5US6*V5
3300
10.5
VY2332M41Y5US6*V5
3900
11.0
VY2392M43Y5US6*V5
ORDERING INFORMATION
C
(pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
Dmax
(mm)
BODY
THICK
Tmax
(mm)
LEAD
SPACING
F
(mm)
COATING
EXTENSION
emax (4)
(mm)
CLEAR TEXT CODE
15th DIGIT*:
T = REEL; U = AMMO;
3=BULK (2)
VY2 FOR LEADSPACING 7.5 mm
2600 VAC, 50 Hz, 2 SECONDS
10
± 10
U2J (N750)
7.5
5.0
7.5
3.0
VY2100K29U2JS6*V7
15
VY2150K29U2JS6*V7
22
VY2220K29U2JS6*V7
33
VY2330K29U2JS6*V7
47
VY2470K29U2JS6*V7
68
Y5S (2C3)
VY2680K29Y5SS6*V7
100
VY2101K29Y5SS6*V7
150
VY2151K29Y5SS6*V7
220
VY2221K29Y5SS6*V7
330
VY2331K29Y5SS6*V7
470
VY2471K29Y5SS6*V7
680
± 20
Y5U (2E3)
VY2681M29Y5US6*V7
1000
VY2102M29Y5US6*V7
1500
8.0
VY2152M31Y5US6*V7
2200
9.0
VY2222M35Y5US6*V7
3300
10.5
VY2332M41Y5US6*V7
3900
11.0
VY2392M43Y5US6*V7
4700
12.5
VY2472M49Y5US6*V7
6800
14.5
VY2682M59Y5US63V7
0.01 µF
16.0
VY2103M63Y5US63V7


Similar Part No. - VY2220K29U2JS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2220K29U2JS6V5 VISHAY-VY2220K29U2JS6V5 Datasheet
152Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 13-Apr-10
VY2220K29U2JS6V5 VISHAY-VY2220K29U2JS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 08-Mar-12
VY2220K29U2JS6V5 VISHAY-VY2220K29U2JS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results

Similar Description - VY2220K29U2JS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
List of Unclassifed Man...
POE-D10-00-E-13 ETC2-POE-D10-00-E-13 Datasheet
397Kb / 18P
   CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
logo
Panasonic Semiconductor
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
logo
Suntan Capacitors
TS15 SUNTAN-TS15_17 Datasheet
177Kb / 1P
   CERAMIC DISC CAPACITOR
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
   CERAMIC DISC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com