Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH-15 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IH-15
Description  Filter Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IH-15 Datasheet(HTML) 1 Page - Vishay Siliconix

  IH-15_06 Datasheet HTML 1Page - Vishay Siliconix IH-15_06 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IH
Vishay Dale
Document Number: 34013
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 27-Feb-06
39
Filter Inductors
High Current
ELECTRICAL SPECIFICATIONS
Inductance: Measured at 1.0 V with zero DC current
Incremental Current: The typical current at which the
inductance will be decreased by 5 % from its initial zero DC
value
Operating Temperature: - 55 °C to + 125 °C (no load)
- 55 °C to + 75 °C (at full rated current)
FEATURES
• Printed circuit mounting
• Pre-tinned leads
• Protected by polyolefin tubing - flame retardant
UL type VW-1 per MIL-I-23053/5, Class 3
requirements
APPLICATIONS
Noise filtering for switching regulators, power amplifiers,
power supplies and SCR and Triac control circuits
Current Rating: Maximum continuous operating current (DC
or RMS) based on a 50 °C temperature rise
MECHANICAL SPECIFICATIONS
Wire: Solid soft copper
Terminals: Extensions of the winding
Core Material: Ferrite
Coating: Polyolefin tubing
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
at 1 kHz
(µH)
TOL.
DCR
MAX.
(Ohms)
RATED
CURRENT
(Max. Amps)
INCREMENTAL
CURRENT
(Amps)
IH-3
5
± 10 %
0.015
10.0
25
IH-3
10
± 10 %
0.018
9.0
19
IH-3
27
± 10 %
0.035
7.0
12
IH-3
50
± 10 %
0.050
5.6
8
IH-3
100
± 10 %
0.065
5.2
6
IH-3
150
± 10 %
0.075
5.0
5
IH-3
250
± 10 %
0.090
5.0
4
IH-5
5
± 10 %
0.012
14.0
25
IH-5
10
± 10 %
0.015
12.0
19
IH-5
27
± 10 %
0.025
9.0
13
IH-5
50
± 10 %
0.030
8.0
10
IH-5
68
± 10 %
0.035
7.5
9
IH-5
100
± 10 %
0.050
7.5
7
IH-5
150
± 10 %
0.060
7.0
5
IH-10
5
± 10 %
0.010
19.0
25
IH-10
10
± 10 %
0.012
16.0
19
IH-10
27
± 10 %
0.018
12.5
12
IH-10
50
± 10 %
0.025
11.0
10
IH-10
68
± 10 %
0.027
10.0
8
IH-10
100
± 10 %
0.030
10.0
7
IH-15
5
± 10 %
0.008
24.0
25
IH-15
10
± 10 %
0.010
20.0
19
IH-15
27
± 10 %
0.015
16.0
14
IH-15
50
± 10 %
0.020
15.0
10
MARKING
- Vishay Dale
- Model
- Inductance value
- Date code
ORDERING INFORMATION
IH-5
10 µH
± 10 %
EB
e2
MODEL
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD
(Pb)-FREE
STANDARD
GLOBAL PART NUMBER INFORMATION
MODEL
PACKING
CODE
INDUCTANCE
VALUE
TOL.
DIMENSIONS in inches [millimeters]
MODEL
IND.
(µH)
A
(Max.)
B
(Max.)
C
± 0.062 [1.57]
D
± 0.005 [0.127]
IH-3
5
0.875 [22.23] 0.600 [15.24] 0.500 [12.70]
0.042 [1.067]
IH-3
10
1.125 [28.58] 0.625 [15.88] 0.687 [17.45]
0.042 [1.067]
IH-3
27
0.875 [22.23] 0.800 [20.32] 0.437 [11.10]
0.042 [1.067]
IH-3
50
0.875 [22.23] 0.800 [20.32] 0.750 [19.05]
0.042 [1.067]
IH-3
100 1.125 [28.58] 0.800 [20.32] 0.937 [23.80]
0.042 [1.067]
IH-3
150 1.375 [34.93] 0.800 [20.32] 1.062 [26.97]
0.042 [1.067]
IH-3
250 1.625 [41.28] 0.800 [20.32] 1.312 [33.32]
0.042 [1.067]
IH-5
5
0.875 [22.23] 0.625 [15.88] 0.750 [19.05]
0.053 [1.35]
IH-5
10
1.125 [28.58] 0.625 [15.88] 1.000 [25.40]
0.053 [1.35]
IH-5
27
0.875 [22.23] 0.840 [21.34] 0.562 [14.27]
0.053 [1.35]
IH-5
50
1.125 [28.58] 0.840 [21.34] 0.750 [19.05]
0.053 [1.35]
IH-5
68
1.125 [28.58] 0.860 [21.84] 0.875 [22.23]
0.053 [1.35]
IH-5
100 1.375 [34.93] 0.860 [21.84] 1.000 [25.40]
0.053 [1.35]
IH-5
150 1.625 [41.28] 0.860 [21.84] 1.250 [31.75]
0.053 [1.35]
IH-10
5
1.125 [28.58] 0.635 [16.13] 0.812 [20.62]
0.065 [1.65]
IH-10
10
1.375 [34.93] 0.635 [16.13] 1.218 [30.94]
0.065 [1.65]
IH-10
27
1.125 [28.58] 0.935 [23.75] 0.687 [17.45]
0.065 [1.65]
IH-10
50
1.375 [34.93] 0.935 [23.75] 0.937 [23.80]
0.065 [1.65]
IH-10
68
1.375 [34.93] 0.935 [23.75] 1.125 [28.58]
0.065 [1.65]
IH-10
100 1.625 [41.28] 0.935 [23.75] 1.312 [33.32]
0.065 [1.65]
IH-15
5
1.375 [34.93] 0.700 [17.78] 0.937 [23.80]
0.082 [2.08]
IH-15
10
1.687 [42.85] 0.700 [17.78] 1.500 [38.10]
0.082 [2.08]
IH-15
27
1.375 [34.93] 1.000 [25.40] 0.937 [23.80]
0.082 [2.08]
IH-15
50
1.625 [41.28] 1.000 [25.40] 1.125 [28.58]
0.082 [2.08]
B
1.0 ± 0.125
[25.40 ± 3.18]
C
D
Leads tinned
to within
0.125 [3.18]
A
Schematic
I
H
0
5
E
B
1
0
0
K
RoHS
COMPLIANT


Similar Part No. - IH-15_06

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
IH-1520H DIT-IH-1520H Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH-1520S DIT-IH-1520S Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH-1540H DIT-IH-1540H Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH-1540S DIT-IH-1540S Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH-15A0H DIT-IH-15A0H Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results

Similar Description - IH-15_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_06 Datasheet
236Kb / 2P
   Filter Inductors
Revision: 30-Jan-06
IHA VISHAY-IHA Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHB VISHAY-IHB Datasheet
354Kb / 5P
   Filter Inductors
Revision: 27-Feb-06
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS Datasheet
219Kb / 2P
   Filter Inductors
logo
Vishay Siliconix
TE_TD VISHAY-TE_TD Datasheet
104Kb / 6P
   Filter Inductors
Revision: 02-Jun-06
logo
XFMRS Inc.
XF1006DR XFMRS-XF1006DR Datasheet
35Kb / 1P
   FILTER INDUCTORS
XF0106DR XFMRS-XF0106DR Datasheet
34Kb / 1P
   FILTER INDUCTORS
logo
Vishay Siliconix
IHD VISHAY-IHD Datasheet
221Kb / 3P
   Filter Inductors
Revision: 27-Feb-06
logo
API Technologies Corp
7191-7194 APITECH-7191-7194 Datasheet
412Kb / 1P
   Filter Inductors
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS_18 Datasheet
210Kb / 2P
   Filter Inductors
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2 Datasheet
71Kb / 1P
   Filter Inductors
Revision 02-Nov-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com