Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC078CSAU103E4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EC078CSAU103E4
Description  Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EC078CSAU103E4 Datasheet(HTML) 3 Page - Vishay Siliconix

  EC078CSAU103E4 Datasheet HTML 1Page - Vishay Siliconix EC078CSAU103E4 Datasheet HTML 2Page - Vishay Siliconix EC078CSAU103E4 Datasheet HTML 3Page - Vishay Siliconix EC078CSAU103E4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 54007
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 07-Sep-07
27
Series ECO
Precision Rotative Transducers,
Conductive Plastic, Economic Series (ECO)
Vishay Sfernice
DIMENSIONS in millimeters, general tolerance ± 0.5 mm
ORDERING INFORMATION/DESCRIPTION
ECO
78
E
S
A
T
103
e4
SERIES
MODEL
TYPE
FIXATION
LINEARITY
TAP
OHMIC VALUE
LEAD
E = Ball bearings
S: Servo
Code
On request
First 2 digits are
Finish
C = Sleeve bearings
B: Bushing
A: ± 1 %
T: Voltage
significant numbers
B: ± 0.5 %
U: Current
3rd digit indicates
C: ± 0.25 %
position to
number of zeros
be specified
SAP PART NUMBERING GUIDELINES
ECO
78CB
C
502
SERIES
MODEL
LINEARITY
OHMIC VALUE
R = 3.7
1
2
3
SIZE 05
45°
± 5°
45°
± 5°
R = 4.8
1
2
3
SIZE 09
45° ± 5°
45° ±
R = 4.8
1
2
3
4
R = 11
INTERMEDIATE TAP
ON REQUEST
4
SIZE 13
45°
± 5°
45°
± 5°
INTERMEDIATE TAP
ON REQUEST
1
2
3
4
3.5 MAX.


Similar Part No. - EC078CSAU103E4

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC000001 PHOENIX-EC000001 Datasheet
94Kb / 7P
   Connection terminal block - AKG 4 BK-EX
09/11/2020
EC000005 PHOENIX-EC000005 Datasheet
51Kb / 3P
   Ring cable lug - C-RCI 1,5/M3
EC000005 PHOENIX-EC000005 Datasheet
51Kb / 3P
   Ring cable lug - C-RCI 1,5/M3,5
EC000005 PHOENIX-EC000005 Datasheet
51Kb / 3P
   Ring cable lug - C-RCI 1,5/M4
EC000005 PHOENIX-EC000005 Datasheet
51Kb / 3P
   Ring cable lug - C-RCI 1,5/M5
More results

Similar Description - EC078CSAU103E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECO VISHAY-ECO_V01 Datasheet
132Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)s
01-Jan-2022
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ECS VISHAY-ECS Datasheet
319Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
Revision: 24-May-07
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
Revision: 22-Mar-07
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
Revision: 22-Mar-07
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
01-Jan-2022
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
01-Jan-2022
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
Revision: 17-Sep-12
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 3000 mm
Revision: 26-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com