Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSE471 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HSE471
Description  Ceramic Disc Capacitors, Class 2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HSE471 Datasheet(HTML) 2 Page - Vishay Siliconix

  HSE471 Datasheet HTML 1Page - Vishay Siliconix HSE471 Datasheet HTML 2Page - Vishay Siliconix HSE471 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
Document Number: 22112
26
Revision: 31-Jan-06
HS.
Vishay Draloric
Ceramic Disc Capacitors, Class 2
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC DISC CAPACITORS, 500 V (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 2
K 2000
10
± 20 %
± 10 %
6.0 x 3.0
5
0.6
1.6
Z
HSZ100 AQ
KR
12
6.0 x 3.0
1.6
HSZ120 AQ
KR
15
6.0 x 3.0
1.5
HSZ150 AQ
KR
18
6.0 x 3.0
1.3
HSZ180 AQ
KR
22
6.0 x 3.0
1.1
HSZ220 AQ
KR
27
6.0 x 3.0
1.3
HSZ270 AQ
KR
33
6.0 x 3.0
1.4
HSZ330 AQ
KR
39
6.0 x 3.0
1.4
HSZ390 AQ
KR
47
6.0 x 3.0
1.2
HSZ470 AQ
KR
56
6.0 x 3.0
1.2
HSZ560 AQ
KR
68
6.0 x 3.0
1.4
HSZ680 AQ
KR
82
6.0 x 3.0
1.4
HSZ820 AQ
KR
100
6.0 x 3.0
1.4
HSZ101 AQ
KR
120
6.0 x 3.0
1.1
HSZ121 AQ
KR
150
6.0 x 3.0
1.1
HSZ151 AQ
KR
180
6.0 x 3.0
1.6
HSZ181 AQ
KR
220
6.0 x 3.0
1.6
HSZ221 AQ
KR
270
6.0 x 3.0
1.3
HSZ271 AQ
KR
330
6.0 x 3.0
1.3
HSZ331 AQ
KR
390
6.0 x 3.0
1.2
HSZ391 AQ
KR
470
6.0 x 3.0
1.2
HSZ471 AQ
KR
560
7.0 x 3.0
1.2
HSZ561 AQ
KR
680
7.0 x 3.0
1.2
HSZ681 AQ
KR
820
7.0 x 3.0
1.1
HSZ821 AQ
KR
1000
7.0 x 3.0
1.1
HSZ102 AQ
KR
1200
8.0 x 3.0
1.2
HSZ122 AQ
KR
1500
8.0 x 3.0
1.1
HSZ152 AQ
KR
1800
8.0 x 3.0
1.2
HSZ182 AQ
KR
2200
9.0 x 3.0
7.5
1.2
HSZ222 AQ
KR
2700
11.0 x 3.0
1.2
HSZ272 AQ
KR
3300
11.0 x 3.0
1.2
HSZ332 AQ
KR
3900
13.0 x 3.0
1.1
HSZ392 AQ
KR
4700
13.0 x 3.0
1.1
HSZ472 AQ
KR
CLASS 2
K 4000
470
+ 50 - 20 %
(± 20 %)**
6.0 x 3.0
5
0.6
1.2
E
HSE471 AQ
KR
680
6.0 x 3.0
1.2
HSE681 AQ
KR
1000
6.0 x 3.0
1.4
HSE102 AQ
KR
1500
7.0 x 3.0
1.2
HSE152 AQ
KR
2200
7.0 x 3.0
1.2
HSE222 AQ
KR
3300
11.0 x 3.0
7.5
1.1
HSE332 AQ
KR
4700
11.0 x 3.0
1.1
HSE472 AQ
KR
6800
13.0 x 3.0
1.1
HSE682 AQ
KR
8200
15.0 x 4.0
1.2
HSE822 AQ
KR
0.01 µF
15.0 x 4.0
1.2
HSE103 AQ
KR
** ± 20 % available on request.
ORDERING CODE
7th digit
Capacitance tolerance
± 10 % = K
± 20 % = M
+ 50 - 20 % = S
10th to 12th digit
Lead configuration (See General Information)
R
14th digit
RoHS Compliant Component


Similar Part No. - HSE471

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
   HEAT SINK
HSE-B1711-032 CUI-HSE-B1711-032 Datasheet
404Kb / 4P
   HEAT SINK
logo
CUI Devices
HSE-B1711-032 CUID-HSE-B1711-032 Datasheet
460Kb / 4P
   HEAT SINK
08/05/2022
logo
CUI INC
HSE-B1711-057 CUI-HSE-B1711-057 Datasheet
404Kb / 4P
   HEAT SINK
logo
CUI Devices
HSE-B1711-057 CUID-HSE-B1711-057 Datasheet
460Kb / 4P
   HEAT SINK
08/05/2022
More results

Similar Description - HSE471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
logo
RFE international
2ZU103M501A57B RFE-2ZU103M501A57B_V01 Datasheet
541Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 2 Series: High K
2018.06.21
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com