Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D229C20C0JF6.J5R Datasheet(PDF) 5 Page - Vishay Siliconix

Part # D229C20C0JF6.J5R
Description  Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D229C20C0JF6.J5R Datasheet(HTML) 5 Page - Vishay Siliconix

  D229C20C0JF6.J5R Datasheet HTML 1Page - Vishay Siliconix D229C20C0JF6.J5R Datasheet HTML 2Page - Vishay Siliconix D229C20C0JF6.J5R Datasheet HTML 3Page - Vishay Siliconix D229C20C0JF6.J5R Datasheet HTML 4Page - Vishay Siliconix D229C20C0JF6.J5R Datasheet HTML 5Page - Vishay Siliconix D229C20C0JF6.J5R Datasheet HTML 6Page - Vishay Siliconix D229C20C0JF6.J5R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28510
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Apr-08
23
LV 50 V
Ceramic Disc Capacitors
Class 1 and 2, 50 V (DC) General Purpose
Vishay BCcomponents
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
Notes
1. Cumulative pitch error: ±
≤ 1 mm/20 pitches.
2. Obliquity maximum 3
°.
PACKAGING
Dmax.
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
5.0 (0.20")
20
1000
2500
2000
6.5 (0.25")
25
7.5 (0.29")
29
8.5 (0.33")
33
10.0 (0.39")
39
11.0 (0.43")
43
DIMENSIONS OF TAPE
SYMBOL
PARAMETER
DIMENSIONS (mm)
NOMINAL
TOLERANCE
D
Body diameter
11.0 maximum
d
Lead diameter
0.6
± 0.05
P
Pitch between capacitors
12.7
± 1.0
P0(1)
Feed-hole pitch
12.7
± 0.3; note
ΔP
Plane deviation
1.0 maximum
P1(2)
Feed-hole centre to lead center
3.85
± 0.7; note
P2(2)
Feed-hole centre to component center
6.35
± 1.3; note
F
Lead spacing
5.0
+ 0.6/- 0.4
Δh
Component alignment
0
± 1.0
W
Tape width
18.0
+ 1.0/- 0.5
W0
Hold-down tape width
5.0 minimum
W1
Hole position
9.0
+ 0.75/- 0.5
W2
Hold-down tape margin
3.0 maximum
H0
Height to seating plane
16.0
± 0.5
H1
Maximum component height
32.0
e
Lead end protrusion
1.0 maximum
L
Maximum length of snipped lead
11.0
D0
Feed-hole diameter
4.0
± 0.2
t
Total tape thickness
0.9 maximum
t1
Maximum thickness of tape and wires
1.5 maximum
Δh
Δh
D
P
2
P
1
P
0
D
0
W
2
W
W
0
W
1
P
ΔP
ΔP
Ø d
e
t
1
t
A
H
1
H
0
direction of unreeling
Kinked capacitors on tape, lead spacing 5.0 mm (0.2"), on tape
detail A
L


Similar Part No. - D229C20C0JF6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D229C20C0JH6.J5R VISHAY-D229C20C0JH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D229C20C0JH6.J5R VISHAY-D229C20C0JH6.J5R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
D229C20C0JH6.J5R VISHAY-D229C20C0JH6.J5R Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
D229C20C0JH6.J5R VISHAY-D229C20C0JH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D229C20C0JH6.J5R VISHAY-D229C20C0JH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D229C20C0JF6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
HV500V VISHAY-HV500V Datasheet
134Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 28-Sep-06
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
logo
List of Unclassifed Man...
HVC81-2KV-UJ08-F5-10PK ETC-HVC81-2KV-UJ08-F5-10PK Datasheet
687Kb / 3P
   Ceramic Disc Capacitors Class 1 and 2,1 kVDC to 50 kV DC , General Purpose
logo
Vishay Siliconix
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com