Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1841-410 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1841-410
Description  Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: IEC 60384-16
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1841-410 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1841-410 Datasheet HTML 1Page - Vishay Siliconix MKP1841-410 Datasheet HTML 2Page - Vishay Siliconix MKP1841-410 Datasheet HTML 3Page - Vishay Siliconix MKP1841-410 Datasheet HTML 4Page - Vishay Siliconix MKP1841-410 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions contact; dc-film@vishay.com
Document Number: 26056
4
Revision: 04-Jul-05
MKP 1841.../...-M
Vishay Roederstein Metallized Polypropylene Capacitor, Mini-Version (-M)
Related Document: IEC 60384-16
6800
0.022
0.047
0.1
0.22
0.47
1
2.2
3.3
4.7
Permissible AC Voltage versus Frequency
f [Hz]
3
2
100
7
5
3
2
10
7
5
3
2
1
103
23
5 7 104
23
5 7 105
23
5 7 106
250 VDC
Capacitance in pF and
µF
4700
0.01
0.022
0.047
0.1
0.22
0.47
1
2.2
Permissible AC Voltage versus Frequency
f [Hz]
3
2
100
7
5
3
2
10
7
5
3
2
1
103
23
5 7 104
23
5 7 105
23
5 7 106
400 VDC
Capacitance in pF and
µF
470
1000
2200
4700
0.01
0.022
0.033
0.047
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
103
23
5 7 104
23
5 7 105
23
5 7 106
630 VDC/250 VAC
Capacitance in pF and
µF
4700
0.01
0.022
0.047
0.1
0.22
0.47
0.68
Permissible AC Voltage versus Frequency
f [Hz]
3
2
1000
7
5
3
2
100
7
5
3
2
10
103
23
5 7 104
23
5 7 105
23
5 7 106
630 VDC/400 VAC
Capacitance in pF and
µF
3300
4700
0.01
0.022
0.047
0.1
0.22
0.33
0.47
Permissible AC Voltage versus Frequency
f [Hz]
3
2
1000
7
5
3
2
100
7
5
3
2
10
103
23
5 7 104
23
5 7 105
23
5 7 106
1000 VDC
Capacitance in pF and
µF
1000
2200
4700
0.01
0.022
0.047
0.1
0.22
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
103
23
5 7 104
23
5 7 105
23
5 7 106
1600 VDC
Capacitance in pF and
µF
470
1000
2200
4700
0.01
0.022
0.047
0.1
Permissible AC Voltage versus Frequency
f [Hz]
3
2
1000
7
5
3
2
100
7
5
3
2
10
103
23
5 7 104
23
5 7 105
23
5 7 106
2000 VDC
Capacitance in pF and
µF


Similar Part No. - MKP1841-410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1841-410 VISHAY-MKP1841-410 Datasheet
60Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1841-410/105-G VISHAY-MKP1841-410/105-G Datasheet
196Kb / 5P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1841-410/105-V VISHAY-MKP1841-410/105-V Datasheet
196Kb / 5P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
More results

Similar Description - MKP1841-410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 07-Feb-06
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1841 VISHAY-MKP1841 Datasheet
60Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1846 VISHAY-MKP1846_05 Datasheet
168Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1841 VISHAY-MKP1841_05 Datasheet
196Kb / 5P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKT1822 VISHAY-MKT1822 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor Related Document: IEC 60384-2
Revision 02-Dec-03
MKP1840-410 VISHAY-MKP1840-410 Datasheet
429Kb / 6P
   Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: CECC 31 200
Revision: 24-Nov-05
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com