Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1840-510-254-M Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP1840-510-254-M
Description  AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1840-510-254-M Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP1840-510-254-M Datasheet HTML 5Page - Vishay Siliconix MKP1840-510-254-M Datasheet HTML 6Page - Vishay Siliconix MKP1840-510-254-M Datasheet HTML 7Page - Vishay Siliconix MKP1840-510-254-M Datasheet HTML 8Page - Vishay Siliconix MKP1840-510-254-M Datasheet HTML 9Page - Vishay Siliconix MKP1840-510-254-M Datasheet HTML 10Page - Vishay Siliconix MKP1840-510-254-M Datasheet HTML 11Page - Vishay Siliconix MKP1840-510-254-M Datasheet HTML 12Page - Vishay Siliconix MKP1840-510-254-M Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 26018
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 05-Nov-08
9
MKP 1840-M
AC and Pulse Metallized Polypropylene Capacitors
MKP Radial Potted Type
Vishay Roederstein
MEASURING THE COMPONENT TEMPERATURE
A thermocouple must be attached to the capacitor body as in:
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC).
The temperature rise is given by
ΔT = T
c - Tamb.
To avoid radiation or convection, the capacitor should be tested in a wind-free box.
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as described
hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic interference
suppression capacitors conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
1. The peak voltage (UP) shall not be greater than the rated DC voltage (URdc)
2. The peak-to-peak voltage (UP-P) shall not be greater than the maximum (Up-p) to avoid the ionisation inception level
3. The voltage peak slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without
ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URdc and
divided by the applied voltage.
For all other pulses following equation must be fulfilled:
T is the pulse duration
4. The maximum component surface temperature rise must be lower than the limits (see graph max. allowed component
temperature rise).
5. Since in circuits used at voltages over 280 V peak-to-peak the risk for an intrinsically active flammability after a capacitor
breakdown (short circuit) increases, it is recommended that the power to the component is limited to 100 times the values
mentioned in the table: “Heat conductivity”
6. When using these capacitors as across-the-line capacitor in the input filter for mains applications or as series connected with
an impedance to the mains the applicant must guarantee that the following conditions are fulfilled in any case (spikes and
surge voltages from the mains included).
Voltage Conditions for 6 Above
ALLOWED VOLTAGES
Tamb ≤ 85 °C
85 °C < Tamb ≤ 100 °C
Maximum continuous RMS voltage
URac
URac
Maximum temperature RMS-overvoltage (< 24 h)
1.25 x URac
1.25 x URac
Maximum peak voltage (VO-P) (< 2 s)
1.6 x URdc
1.1 x URdc
Thermocouple
2
dU
dt
--------
⎝⎠
⎛⎞
2
0
T
dt
U
Rdc
dU
dt
--------
⎝⎠
⎛⎞
rated
×
<
×
×


Similar Part No. - MKP1840-510-254-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1840-510/254-M VISHAY-MKP1840-510/254-M Datasheet
429Kb / 6P
   Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: CECC 31 200
Revision: 24-Nov-05
MKP1840-510/254-MG VISHAY-MKP1840-510/254-MG Datasheet
429Kb / 6P
   Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: CECC 31 200
Revision: 24-Nov-05
MKP1840-510/254-MV VISHAY-MKP1840-510/254-MV Datasheet
429Kb / 6P
   Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: CECC 31 200
Revision: 24-Nov-05
More results

Similar Description - MKP1840-510-254-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com