Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP3361X1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP3361X1
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3361X1 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP3361X1 Datasheet HTML 2Page - Vishay Siliconix MKP3361X1 Datasheet HTML 3Page - Vishay Siliconix MKP3361X1 Datasheet HTML 4Page - Vishay Siliconix MKP3361X1 Datasheet HTML 5Page - Vishay Siliconix MKP3361X1 Datasheet HTML 6Page - Vishay Siliconix MKP3361X1 Datasheet HTML 7Page - Vishay Siliconix MKP3361X1 Datasheet HTML 8Page - Vishay Siliconix MKP3361X1 Datasheet HTML 9Page - Vishay Siliconix MKP3361X1 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Document Number: 28117
For technical questions contact: rfi@vishay.com
www.vishay.com
Revision: 15-Feb-08
175
MKP 336 1 X1
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
CHARACTERISTICS
Capacitance
Impedance
Max RMS voltage and AC current (sinewave)
Tangent of loss angle
Resonant frequency
min.
max.
typical
- 50
2
- 2
- 4
- 6
0
050
100
Tamb (°C)
4
10
3
10
1
10
-2
10
0
f (Hz)
10
6
10
4
10
5
10
7
10
10
-1
10
nF
47
nF
100
nF
470
nF
1000
nF
4.7
nF
1 nF
T
amb ≤ 105 °C
10
3
10
2
10
1
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
1
10
1
10
2
10
3
10
0
10
2
10
3
10
4
10
5
f (Hz)
C =
1
µF
22
0 nF
< C
< 1
µF
47
nF
< C
≤ 220
nF
10 nF
< C
≤ 47
nF
C ≤ 10
nF
C (nF)
1
10
100
1000
10 000
10
2
10
1
10
0
10
-1
X1
470 nF
100 nF
47 nF
10 nF
1000 nF
1 nF
4.7 nF
10
4
10
2
10
0
10
1
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
-1
T
amb ≤ 100 °C


Similar Part No. - MKP3361X1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3361 ETC2-MKP3361 Datasheet
396Kb / 17P
   Interference suppression film capacitors
More results

Similar Description - MKP3361X1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com