Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP3361X1 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP3361X1
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3361X1 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP3361X1 Datasheet HTML 5Page - Vishay Siliconix MKP3361X1 Datasheet HTML 6Page - Vishay Siliconix MKP3361X1 Datasheet HTML 7Page - Vishay Siliconix MKP3361X1 Datasheet HTML 8Page - Vishay Siliconix MKP3361X1 Datasheet HTML 9Page - Vishay Siliconix MKP3361X1 Datasheet HTML 10Page - Vishay Siliconix MKP3361X1 Datasheet HTML 11Page - Vishay Siliconix MKP3361X1 Datasheet HTML 12Page - Vishay Siliconix MKP3361X1 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Document Number: 28117
For technical questions contact: rfi@vishay.com
www.vishay.com
Revision: 15-Feb-08
180
MKP 336 1 X1
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
SUB GROUP C3
D
4.13.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz
For C
> 470 nF at 10 kHz
4.13 Impulse voltage
3 successive impulses, full wave, peak
voltage:
X1: 4 kV
Max. 24 pulses
No selfhealing breakdowns or flashover
4.14 Endurance
Duration: 1000 hours
1.25 URac at 105 °C
Once in every hour the voltage is
increased to 1000 V (RMS) for 0.1 s via
resistor of 47
Ω ± 5 %
4.14.7 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 10 % compared to values
measured in 4.13.1.
Tangent of loss angle
Increase of tan
δ:
≤ 0.0100 for: C ≤ 100 nF or
≤ 0.0200 for: 100 nF < C ≤ 470 nF or
≤ 0.0080 for: C > 470 nF
Compared to values measured in 4.13.1.
Voltage proof
1200 V (DC); 1 min between
terminations.
2050
V
(DC);
1
min
between
terminations and case.
No permanent breakdown or flash-over
Insulation resistance
≥ 50 % of values specified in Section
“Insulation
resistance”
of
this
specification
SUB - GROUP C 4
D
4.15 Charge and discharge
10 000 cycles
(50 c/s) charge to UR half sinewave
Duration: 5 ms
Discharge resistance:
Rmin = 2.2
4.15.1 Initial measurements
Capacitance
Tangent of loss angle
For C
≤ 470 nF at 100 kHz
For C
> 470 nF at 10 kHz
4.15.3 Final measurements
Capacitance
|
ΔC/C| ≤ 10 % compared to values
measured in 4.15.1.
Tangent of loss angle
Increase of tan d:
≤ 0.0100 for: C £ 100 nF or
≤ 0.0200 for: 100 nF < C £ 470 nF or
≤ 0.0080 for: C > 470 nF
Compared to values measured in
4.15.1
Insulation resistance
≥ 50 % of values specified in Section
“Insulation
resistance”
of
this
specification
SUB - CLAUSE NUMBER
AND TEST
D
OR
ND
CONDITIONS
PERFORMANCE REQUIREMENTS
R
385 Vdc
1.5
C dU
() dt
()
()
×
---------------------------------------------------
=


Similar Part No. - MKP3361X1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3361 ETC2-MKP3361 Datasheet
396Kb / 17P
   Interference suppression film capacitors
More results

Similar Description - MKP3361X1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com