Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWE-5-20-Q48NB-C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # UWE-5-20-Q48NB-C
Description  Wide Input, Isolated Eighth-Brick DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWE-5-20-Q48NB-C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  UWE-5-20-Q48NB-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWE-5-20-Q48NB-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWE-5-20-Q48NB-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWE-5-20-Q48NB-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWE-5-20-Q48NB-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWE-5-20-Q48NB-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWE-5-20-Q48NB-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWE-5-20-Q48NB-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWE-5-20-Q48NB-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UWE Series
Wide Input, Isolated
Eighth-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UWE Series.A17 Page 5 of 20
DETAIL SPECIFICATIONS, Q48 MODELS, CONTINUED
OUTPUT
UWE-12/6-Q48
UWE-3.3/20-Q48
Voltage output range
See ordering guide
Voltage output accuracy
±1% of Vnom., (50% load)
Adjustment range
-10 to +10% of Vnom.
Temperature coefficient
±0.02% of Vout range per °C
Minimum loading
No minimum load
Remote sense compensation
+10% max.
Ripple/noise (20 MHz bandwidth)
See ordering guide
Line/Load regulation
See ordering guide
Efficiency
See ordering guide
Maximum capacitive loading, μF
low ESR <0.02Ω max., resistive load
4,700
4,700
Isolation voltage
Input to Output, Volts min. DC
2250
2250
Input to baseplate, Volts min. DC
1500
1500
Baseplate to output, Volts min. DC
750
750
Isolation resistance, MΩ
100
100
Isolation capacitance, pF
1000
1000
Isolation safety rating
Basic insulation
Current limit inception (98% of
Vout, after warmup), Amps
8.0
26.5
Short circuit protection method
Current limiting, hiccup autorestart. Remove overload for recovery.
Short circuit current, Amps
1.0
5.0
Short circuit duration
Continuous, output shorted to ground. No damage.
Overvoltage protection, Volts
(via magnetic feedback)
15
4
DYNAMIC CHARACTERISTICS
Dynamic load response, μSec
(50-75-50% load step) to final value
50 (to ± 1%)
50 (to ± 2%)
Start-up time
Vin to Vout regulated, mSec
30
20
Remote On/Off to Vout regulated, mSec
20
10
Switching frequency, KHz
220
±20
215±20
ENVIRONMENTAL
Operating temperature range, no baseplate
with derating, °C (see Derating curves)
-40 to +85 with derating
-40 to +85 with derating
Storage temperature range, °C
-55 to +125
-55 to +125
Maximum baseplate operating temperature, °C
+100
Thermal protection/shutdown, °C
+120
+120
Relative humidity
to +85°C/85% non-condensing
to +85°C/85% non-condensing
PHYSICAL
Outline dimensions
See mechanical specs
Pin material
Copper alloy
Pin Finish
Nickel underplate with gold overplate (see mechanical specs for details)
Pin diameter, inches
0.04/0.062
Pin diameter, mm
1.016/1.575
Weight, ounces
0.7
Weight, grams
20
Electromagnetic interference (conducted)
Designed to meet FCC part 15, class B, EN55022 conducted and CISPR22 class B conducted.
Safety
Designed to meet UL/cUL 60950-1, CSA-C22.2 No.60950-1, IEC/EN 60950-1


Similar Part No. - UWE-5-20-Q48NB-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE-5/15-Q12 MURATA-PS-UWE-5/15-Q12 Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-5/15-Q12N-C MURATA-PS-UWE-5/15-Q12N-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-5/15-Q12NB-C MURATA-PS-UWE-5/15-Q12NB-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-5/15-Q12P-C MURATA-PS-UWE-5/15-Q12P-C Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
UWE-5/15-Q12P-C MURATA-PS-UWE-5/15-Q12P-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
More results

Similar Description - UWE-5-20-Q48NB-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com